Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 336 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 336 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 332Page - Texas Instruments AM5728 Datasheet HTML 333Page - Texas Instruments AM5728 Datasheet HTML 334Page - Texas Instruments AM5728 Datasheet HTML 335Page - Texas Instruments AM5728 Datasheet HTML 336Page - Texas Instruments AM5728 Datasheet HTML 337Page - Texas Instruments AM5728 Datasheet HTML 338Page - Texas Instruments AM5728 Datasheet HTML 339Page - Texas Instruments AM5728 Datasheet HTML 340Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 415 page
background image
336
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
7.23.3 MMC3 and MMC4—SDIO/SD
MMC3 and MMC4 interfaces are compliant with the SDIO3.0 standard v1.0, SD Part E1 and for generic
SDIO devices, it supports the following applications:
•
MMC3 8-bit data and MMC4 4-bit data, SD Default speed, SDR
•
MMC3 8-bit data and MMC4 4-bit data, SD High speed, SDR
•
MMC3 8-bit data and MMC4 4-bit data, UHS-1 SDR12 (SD Standard v3.01), 4-bit data, SDR, half
cycle
•
MMC3 8-bit data and MMC4 4-bit data, UHS-I SDR25 (SD Standard v3.01), 4-bit data, SDR, half cycle
•
MMC3 8-bit data, UHS-I SDR50
NOTE
The eMMC/SD/SDIOj (j = 3 to 4) controller is also referred to as MMCj.
NOTE
For more information, see the MMC/SDIO chapter of the Device TRM.
7.23.3.1 MMC3 and MMC4, SD Default Speed
Figure 7-81, Figure 7-82, and Table 7-115 through Table 7-118 present Timing requirements and
Switching characteristics for MMC3 and MMC4 - SD Default speed in receiver and transmitter mode.
Table 7-115. Timing Requirements for MMC3 - Default Speed Mode (1)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DS5
tsu(cmdV-clkH)
Setup time, mmc3_cmd valid before mmc3_clk rising clock edge
5.11
ns
DS6
th(clkH-cmdV)
Hold time, mmc3_cmd valid after mmc3_clk rising clock edge
20.46
ns
DS7
tsu(dV-clkH)
Setup time, mmc3_dat[i:0] valid before mmc3_clk rising clock edge
5.11
ns
DS8
th(clkH-dV)
Hold time, mmc3_dat[i:0] valid after mmc3_clk rising clock edge
20.46
ns
(1) i in [i:0] = 7
Table 7-116. Switching Characteristics for MMC3 - SD/SDIO Default Speed Mode (2)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DS0
fop(clk)
Operating frequency, mmc3_clk
24
MHz
DS1
tw(clkH)
Pulse duration, mmc3_clk high
0.5*P-
0.270
(1)
ns
DS2
tw(clkL)
Pulse duration, mmc3_clk low
0.5*P-
0.270
(1)
ns
DS3
td(clkL-cmdV)
Delay time, mmc3_clk falling clock edge to mmc3_cmd transition
-14.93
14.93
ns
DS4
td(clkL-dV)
Delay time, mmc3_clk falling clock edge to mmc3_dat[i:0] transition
-14.93
14.93
ns
(1) P = output mmc3_clk period in ns
(2) i in [i:0] = 7
Table 7-117. Timing Requirements for MMC4 - Default Speed Mode (1)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DS5
tsu(cmdV-clkH)
Setup time, mmc4_cmd valid before mmc4_clk rising clock edge
5.11
ns
DS6
th(clkH-cmdV)
Hold time, mmc4_cmd valid after mmc4_clk rising clock edge
20.46
ns
DS7
tsu(dV-clkH)
Setup time, mmc4_dat[i:0] valid before mmc4_clk rising clock edge
5.11
ns
DS8
th(clkH-dV)
Hold time, mmc4_dat[i:0] valid after mmc4_clk rising clock edge
20.46
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com