Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 338 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 338 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 334Page - Texas Instruments AM5728 Datasheet HTML 335Page - Texas Instruments AM5728 Datasheet HTML 336Page - Texas Instruments AM5728 Datasheet HTML 337Page - Texas Instruments AM5728 Datasheet HTML 338Page - Texas Instruments AM5728 Datasheet HTML 339Page - Texas Instruments AM5728 Datasheet HTML 340Page - Texas Instruments AM5728 Datasheet HTML 341Page - Texas Instruments AM5728 Datasheet HTML 342Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 415 page
background image
mmcj_clk
mmcj_cmd
mmcj_dat[i:0]
HS4
HS8
HS3
HS7
HS1
HS2H
HS2L
vayu_mmc3_09
338
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-119. Timing Requirements for MMC3 - SD/SDIO High Speed Mode (1) (continued)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
HS8
th(clkH-dV)
Hold time, mmc3_dat[i:0] valid after mmc3_clk rising clock edge
2.6
ns
(1) i in [i:0] = 7
Table 7-120. Switching Characteristics for MMC3 - SD/SDIO High Speed Mode (2)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
HS1
fop(clk)
Operating frequency, mmc3_clk
48
MHz
HS2H
tw(clkH)
Pulse duration, mmc3_clk high
0.5*P-
0.270
(1)
ns
HS2L
tw(clkL)
Pulse duration, mmc3_clk low
0.5*P-
0.270
(1)
ns
HS5
td(clkL-cmdV)
Delay time, mmc3_clk falling clock edge to mmc3_cmd transition
-7.6
3.6
ns
HS6
td(clkL-dV)
Delay time, mmc3_clk falling clock edge to mmc3_dat[i:0] transition
-7.6
3.6
ns
(1) P = output mmc3_clk period in ns
(2) i in [i:0] = 7
Table 7-121. Timing Requirements for MMC4 - High Speed Mode (1)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
HS3
tsu(cmdV-clkH)
Setup time, mmc4_cmd valid before mmc4_clk rising clock edge
5.3
ns
HS4
th(clkH-cmdV)
Hold time, mmc4_cmd valid after mmc4_clk rising clock edge
1.6
ns
HS7
tsu(dV-clkH)
Setup time, mmc4_dat[i:0] valid before mmc4_clk rising clock edge
5.3
ns
HS8
th(clkH-dV)
Hold time, mmc4_dat[i:0] valid after mmc4_clk rising clock edge
1.6
ns
(1) i in [i:0] = 3
Table 7-122. Switching Characteristics for MMC4 - High Speed Mode (2)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
HS1
fop(clk)
Operating frequency, mmc4_clk
48
MHz
HS2H
tw(clkH)
Pulse duration, mmc4_clk high
0.5*P-
0.270
(1)
ns
HS2L
tw(clkL)
Pulse duration, mmc4_clk low
0.5*P-
0.270
(1)
ns
HS5
td(clkL-cmdV)
Delay time, mmc4_clk falling clock edge to mmc4_cmd transition
-8.8
6.6
ns
HS6
td(clkL-dV)
Delay time, mmc4_clk falling clock edge to mmc4_dat[i:0] transition
-8.8
6.6
ns
(1) P = output mmc4_clk period in ns
(2) i in [i:0] = 3
Figure 7-83. MMC/SD/SDIOj in - High Speed - Receiver Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com