Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 406 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 406 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 402Page - Texas Instruments AM5728 Datasheet HTML 403Page - Texas Instruments AM5728 Datasheet HTML 404Page - Texas Instruments AM5728 Datasheet HTML 405Page - Texas Instruments AM5728 Datasheet HTML 406Page - Texas Instruments AM5728 Datasheet HTML 407Page - Texas Instruments AM5728 Datasheet HTML 408Page - Texas Instruments AM5728 Datasheet HTML 409Page - Texas Instruments AM5728 Datasheet HTML 410Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 415 page
background image
406
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Device and Documentation Support
Copyright © 2015–2019, Texas Instruments Incorporated
(1) To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
(2) Applies to device max junction temperature.
NOTE
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
9.2
Tools and Software
The following products support development for AM572x platforms:
Design Kits and Evaluation Modules
AM572x Evaluation Module
The AM572x Evaluation Module provides an affordable platform to quickly start evaluation of
Sitara™ Arm® Cortex®-A15 AM57x Processors (AM5728, AM5726, AM5718, AM5716) and
accelerate development for HMI, machine vision, networking, medical imaging and many
other industrial applications. It is a development platform based on the dual Arm® Cortex®-
A15, dual C66x DSP processor that is integrated with tons of connectivity such as PCIe,
SATA,
HDMI,
USB
3.0/2.0,
Dual
Gigabit
Ethernet,
and
more.
The AM572x Evaluation Module also integrates video and 3D/2D graphics acceleration, as
well as a dual-core Programmable Real-time Unit (PRU) and dual Arm® Cortex®-M4 cores.
AM572x Industrial Development Kit (IDK)
The AM572x Industrial Development Kit (IDK) is a development platform for evaluating the
industrial communication and control capabilities of Sitara AM572x processors for
applications in factory automation, drives, robotics, grid infrastructure, and more. AM572x
processors
include
dual
PRU-ICSS
(Programmable
Real-time
Unit
for
Industrial
Communications) sub-systems which can be used for industrial Ethernet protocols such as
Profinet, EtherCAT, Ethernet/IP, and others. The TMDXIDK5728 breaks out six ports of
Ethernet, four of which can be used concurrently: 2x Gb Ethernet ports and 2x 10/100
Ethernet ports from the PRU-ICSS subsystems.
Development Tools
Code Composer Studio (CCS) Integrated Development Environment (IDE)
Code Composer Studio is an integrated development environment (IDE) that supports TI's
Microcontroller and Embedded Processors portfolio. Code Composer Studio comprises a
suite of tools used to develop and debug embedded applications. It includes an optimizing
C/C++ compiler, source code editor, project build environment, debugger, profiler, and many
other features. The intuitive IDE provides a single user interface taking you through each
step of the application development flow. Familiar tools and interfaces allow users to get
started faster than ever before. Code Composer Studio combines the advantages of the
Eclipse software framework with advanced embedded debug capabilities from TI resulting in
a compelling feature-rich development environment for embedded developers.
Pin mux tool
The Pin MUX Utility is a software tool which provides a Graphical User Interface for
configuring pin multiplexing settings, resolving conflicts and specifying I/O cell characteristics
for TI MPUs. Results are output as C header/code files that can be imported into software
development kits (SDKs) or used to configure customer's custom software. Version 4 of the
Pin Mux utility adds the capability of automatically selecting a mux configuration that satisfies
the entered requirements.
Power Estimation Tool (PET)
Power Estimation Tool (PET) provides users the ability to gain insight in to the power
consumption of select TI processors. The tool includes the ability for the user to choose
multiple application scenarios and understand the power consumption as well as how
advanced power saving techniques can be applied to further reduce overall power
consumption.
Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com