Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 405 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 405 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 401Page - Texas Instruments AM5728 Datasheet HTML 402Page - Texas Instruments AM5728 Datasheet HTML 403Page - Texas Instruments AM5728 Datasheet HTML 404Page - Texas Instruments AM5728 Datasheet HTML 405Page - Texas Instruments AM5728 Datasheet HTML 406Page - Texas Instruments AM5728 Datasheet HTML 407Page - Texas Instruments AM5728 Datasheet HTML 408Page - Texas Instruments AM5728 Datasheet HTML 409Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 415 page
background image
SPRS906_PACK_01
SITARATM
aBBBBBBrPPPzSsYyT
PIN ONE INDICATOR
O
G1
YYY
ZZZ
XXXXXXX
405
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Device and Documentation Support
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 9-1. Printed Device Reference
9.1.2
Device Naming Convention
Table 9-1. Nomenclature Description
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK
Production
BBBBBB
Base production part
number
AM5729
Super Tier (See Table 3-1, Device Comparison)
AM5728
High Tier (See Table 3-1, Device Comparison)
AM5726
Low Tier (See Table 3-1, Device Comparison)
r
Device revision
BLANK
SR 1.0
A
SR 1.1
B
SR 2.0
PPP
Package Designator
ABC
ABC S-PBGA-N760 (23mm × 23mm) Package
z
Device Speed
X
High speed grade (see Table 5-5, Speed Grade Maximum Frequency)
OTHER
Alternate speed grade
Ss
Security Identifier
TU
Dummy key secure device
BLANK
General purpose device
Yy
Device type
E
All industrial protocols enabled (basic protocols plus EtherCAT slave and
POWERLINK slave)
BLANK
Basic Industrial protocols enabled
Yn
Letter followed by number indicates HS device with customer key
T
Temperature (2)
A
Extended (see Table 5-4, Recommended Operating Conditions)
BLANK
Commercial (see Table 5-4, Recommended Operating Conditions)
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code; For TI use only
ZZZ
Production Code; For TI use only
O
Pin one designator
G1
ECAT—Green package designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com