Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 401 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 401 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 397Page - Texas Instruments AM5728 Datasheet HTML 398Page - Texas Instruments AM5728 Datasheet HTML 399Page - Texas Instruments AM5728 Datasheet HTML 400Page - Texas Instruments AM5728 Datasheet HTML 401Page - Texas Instruments AM5728 Datasheet HTML 402Page - Texas Instruments AM5728 Datasheet HTML 403Page - Texas Instruments AM5728 Datasheet HTML 404Page - Texas Instruments AM5728 Datasheet HTML 405Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 415 page
background image
A
B
C
D
E
F
qspi1_sclk
qspi1_rtclk
R2
R2
R1
QSPI device
clock input
QSPI device
IOx, CS#
qspi1_d[x], qspi1_cs[y]
0
*
Ω
10 Ω
10 Ω
Locate both R2 resistors
close together near the QSPI device
SPRS906_PCB_QSPI_01
401
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-30. QSPI Interface High Level Schematic
(1) 0 Ω resistor (R1), located as close as possible to the qspi1_sclk pin, is placeholder for fine-tuning if needed.
8.7
LJCB_REFN/P Connections
A Common Refclk Rx Architecture is required to be used for the device PCIe interface. Specifically, two
modes of Common Refclk Rx Architecture are supported:
•
External REFCLK Mode: An common external 100MHz clock source is distributed to both the Device
and the link partner
•
Output REFCLK Mode: A 100MHz HCSL clock source is output by the device and used by the link
partner
In External REFCLK Mode, a high-quality, low-jitter, differential HCSL 100MHz clock source compliant to
the PCIe REFCLK AC Specifications should be provided on the Device’s ljcb_clkn / ljcb_clkp inputs.
Alternatively, an LVDS clock source can be used with the following additional requirements:
•
External AC coupling capacitors described in Table 8-14 should be populated at the ljcb_clkn /
ljcb_clkp inputs.
•
All termination requirements (ex. parallel 100ohm termination) from the clock source manufacturer
should be followed.
In Output REFCLK Mode, the 100MHz clock from the Device’s DPLL_PCIE_REF should be output on
the Device’s ljcb_clkn / ljcb_clkp pins and used as the HCSL REFCLK by the link partner. External near-
side termination to ground described in Table 8-15 is required on both of the ljcb_clkn / ljcb_clkp outputs
in this mode.
Table 8-14. LJCB_REFN/P Requirements in External LVDS REFCLK Mode
PARAMETER
MIN
TYP
MAX
UNIT
ljcb_clkn / ljcb_clkp AC coupling capacitor value
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com