Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 402 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 402 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 398Page - Texas Instruments AM5728 Datasheet HTML 399Page - Texas Instruments AM5728 Datasheet HTML 400Page - Texas Instruments AM5728 Datasheet HTML 401Page - Texas Instruments AM5728 Datasheet HTML 402Page - Texas Instruments AM5728 Datasheet HTML 403Page - Texas Instruments AM5728 Datasheet HTML 404Page - Texas Instruments AM5728 Datasheet HTML 405Page - Texas Instruments AM5728 Datasheet HTML 406Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 415 page
background image
X
1
Via to GND
IC
Local ground plane
X
2
SWPS040-196
402
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Table 8-14. LJCB_REFN/P Requirements in External LVDS REFCLK Mode (continued)
PARAMETER
MIN
TYP
MAX
UNIT
ljcb_clkn / ljcb_clkp AC coupling capacitor package size
0402
0603
EIA(1)(2)
(1) EIA LxW units, that is, a 0402 is a 40x20 mils surface mount capacitor.
(2) The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair placed side by side.
Table 8-15. LJCB_REFN/P Requirements in Output REFCLK Mode
PARAMETER
MIN
TYP
MAX
UNIT
ljcb_clkn / ljcb_clkp near-side termination to ground value
47.5
50
52.5
Ohms
8.8
Clock Routing Guidelines
8.8.1
32-kHz Oscillator Routing
When designing the printed-circuit board:
•
Keep the crystal as close as possible to the crystal pins X1 and X2.
•
Keep the trace lengths short and small to reduce capacitor loading and prevent unwanted noise
pickup.
•
Place a guard ring around the crystal and tie the ring to ground to help isolate the crystal from
unwanted noise pickup.
•
Keep all signals out from beneath the crystal and the X1 and X2 pins to prevent noise coupling.
•
Finally, an additional local ground plane on an adjacent PCB layer can be added under the crystal to
shield it from unwanted pickup from traces on other layers of the board. This plane must be isolated
from the regular PCB ground plane and tied to the GND pin of the RTC. The plane must not be any
larger than the perimeter of the guard ring. Make sure that this ground plane does not contribute to
significant capacitance (a few pF) between the signal line and ground on the connections that run from
X1 and X2 to the crystal.
Figure 8-31. Slow Clock PCB Requirements
8.8.2
Oscillator Ground Connection
Although the impedance of a ground plane is low it is, of course, not zero. Therefore, any noise current in
the ground plane causes a voltage drop in the ground. Figure 8-32 shows the grounding scheme for slow
(low frequency) clock generated from the internal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com