Electronic Components Datasheet Search
  English  ▼

X  

GD5F2GQ4REZJS Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4REZJS
Description  SPI(x1/x2/x4) NAND Flash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4REZJS Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4REZJS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
SPI(x1/x2/x4) NAND Flash
2G
19
8.6 Read From Cache Dual IO (BBH)
The Read from Cache Dual I/O command (BBH) is similar to the Read form Cache x2 command (3BH) but with the
capability to input the 4 Dummy bits, followed by a 12-bit column address for the starting byte address and a dummy byte
by SIO0 and SIO1, each bit being latched in during the rising edge of SCLK, then the cache contents are shifted out 2-bit
per clock cycle from SIO0 and SIO1. The first address byte can be at any location. The address increments automatically
to the next higher address after each byte of data shifted out until the boundary wrap bit.
Figure8-5. Read From Cache Dual IO Sequence Diagram
Command
0
1
2
3
4
5
6
7
BBH
CS#
SCLK
SI(SIO0)
SO(SIO1)
8
9 10 11 12 13 14 15
6
4
2
0
6
4
2
0
16 17 18 19 20 21 22 23
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
A7-0
Dummy
Byte1
CS#
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
SI(SIO0)
SO(SIO1)
6
4
2
0
6
4
2
0
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
SCLK
6
7
Byte2
Byte3
Byte4
Byte5
dummy<3:0>, A11-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com