| Electronic Components Datasheet Search |
|
GD5F2GQ4REZJS Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4REZJS Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
10 / 57 page ![]() SPI(x1/x2/x4) NAND Flash 2G 10 4 DEVICE OPERATION 4.1 SPI Modes SPI NAND supports two SPI modes: • CPOL = 0, CPHA = 0 (Mode 0) • CPOL = 1, CPHA = 1 (Mode 3) Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK for both modes. All timing diagrams shown in this data sheet are mode 0. See Figure4-1 for more details. Figure4-1. SPI Modes Sequence Diagram CS# SCLK SCLK SI SO CPOL CPHA 0 0 1 1 MSB LSB MSB LSB Note: While CS# is HIGH, keep SCLK at VCC or GND (determined by mode 0 or mode 3). Standard SPI SPI NAND Flash features a standard serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#), Serial Data Input (SI) and Serial Data Output (SO). Dual SPI SPI NAND Flash supports Dual SPI operation when using the x2 and dual IO commands. These commands allow data to be transferred to or from the device at two times the rate of the standard SPI. When using the Dual SPI command the SI and SO pins become bidirectional I/O pins: SIO0 and SIO1. Quad SPI SPI NAND Flash supports Quad SPI operation when using the x4 and Quad IO commands. These commands allow data to be transferred to or from the device at four times the rate of the standard SPI. When using the Quad SPI command the SI and SO pins become bidirectional I/O pins: SIO0 and SIO1, and WP# and HOLD#/RESET# pins become SIO2 and SIO3. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |