Electronic Components Datasheet Search
  English  ▼

X  

GD5F2GQ4REZJS Datasheet(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4REZJS
Description  SPI(x1/x2/x4) NAND Flash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4REZJS Datasheet(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4REZJS Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZJS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
SPI(x1/x2/x4) NAND Flash
2G
41
13.2 Block Protection
The block lock feature provides the ability to protect the entire device, or ranges of blocks, from the PROGRAM and
ERASE operations. After power-up, the device is in the
“locked” state, i.e., feature bits BP0, BP1and BP2 are set to 1,
INV, CMP and BRWD are set to 0. To unlock all the blocks, or a range of blocks, the SET FEATURES command must be
issued to alter the state of protection feature bits. When BRWD is set and WP# is LOW, none of the writable protection
feature bits can be set. Also, when a PROGRAM/ERASE command is issued to a locked block, status bit OIP remains 0.
When an ERASE command is issued to a locked block, the erase failure, 04H, is returned. When a PROGRAM
command is issued to a locked block, program failure, 08h, is returned.
Table13-2. Block Lock Register Block Protect Bits
CMP
INV
BP2
BP1
BP0
Protect Row Address
Protect Rows
2G
x
x
0
0
0
NONE
None
—all unlocked
0
0
0
0
1
1F800h ~ 1FFFFh
Upper 1/64 locked
0
0
0
1
0
1F000h ~ 1FFFFh
Upper 1/32 locked
0
0
0
1
1
1E000h ~ 1FFFFh
Upper 1/16 locked
0
0
1
0
0
1C000h ~ 1FFFFh
Upper 1/8 locked
0
0
1
0
1
18000h ~ 1FFFFh
Upper 1/4 locked
0
0
1
1
0
10000h ~ 1FFFFh
Upper 1/2 locked
x
x
1
1
1
0000h ~ 1FFFFh
All locked (default)
0
1
0
0
1
0000h ~7FFh
Lower 1/64 locked
0
1
0
1
0
0000h ~FFFh
Lower 1/32 locked
0
1
0
1
1
0000h ~ 1FFFh
Lower 1/16 locked
0
1
1
0
0
0000h ~ 3FFFh
Lower 1/8 locked
0
1
1
0
1
0000h ~ 7FFFh
Lower 1/4 locked
0
1
1
1
0
0000h ~ FFFFh
Lower 1/2 locked
1
0
0
0
1
0000h ~ 1F7FFh
Lower 63/64 locked
1
0
0
1
0
0000h ~ 1EFFFh
Lower31/32 locked
1
0
0
1
1
0000h ~ 1DFFFh
Lower 15/16 locked
1
0
1
0
0
0000h ~ 1BFFFh
Lower7/8 locked
1
0
1
0
1
0000h ~ 17FFFh
Lower3/4 locked
1
0
1
1
0
0000h ~ 003Fh
Block0
1
1
0
0
1
0800h ~ 1FFFFh
Upper 63/64 locked
1
1
0
1
0
1000h ~ 1FFFFh
Upper31/32 locked
1
1
0
1
1
2000h ~ 1FFFFh
Upper 15/16 locked
1
1
1
0
0
4000h ~ 1FFFFh
Upper7/8 locked
1
1
1
0
1
8000h ~ 1FFFFh
Upper3/4 locked
1
1
1
1
0
0000h ~ 003Fh
Block0
When WP# is not LOW, user can issue bellows commands to alter the protection states as want.
• Issue SET FEATURES register write (1FH)
• Issue the feature bit address (A0h) and the feature bits combination as the table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com