Electronic Components Datasheet Search
  English  ▼

X  

GD25LE80C Datasheet(PDF) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE80C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE80C Datasheet(HTML) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE80C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE80C
15
4. Quad Input Address
IO0 = A20, A16, A12, A8,
A4, A0, M4, M0
IO1 = A21, A17, A13, A9,
A5, A1, M5, M1
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
5. Fast Read Quad I/O Data
IO0 = (x, x, x, x
, D4, D0,…)
IO1 = (x, x, x, x, D5, D1
,…)
IO2 = (x, x, x, x, D6, D2
,…)
IO3 = (x, x, x, x, D7, D3
,…)
6. Security Registers Address:
Security Register1: A23-A16=00H, A15-A9=0001000b, A8-A0= Byte Address;
Security Register2: A23-A16=00H, A15-A9=0010000b, A8-A0= Byte Address;
Security Register3: A23-A16=00H, A15-A9=0011000b, A8-A0= Byte Address.
TABLE OF ID DEFINITIONS
GD25LE80C
Operation Code
M7-M0
ID15-ID8
ID7-ID0
9FH
C8
60
14
90H
C8
13
ABH
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com