Electronic Components Datasheet Search
  English  ▼

X  

GD25LE80C Datasheet(PDF) 29 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE80C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE80C Datasheet(HTML) 29 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE80C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE80C
29
7.19 Enable/Disable SO to Output RY/BY# (ESRY/DSRY) (70H/80H)
Besides SO pin is used to output data, it also can be used as the status pin of ready/busy. The ESRY command is for
outputting the ready/busy status to SO. When the device is in the process of power on, enter or exit deep power down
mode and erase/program, its status is busy, and the SO output 0. When the device is in the standby mode, the status of
device is ready, then SO output 1. The DSRY command is for resetting ESRY. The ready/busy status will not output to SO
after DSRY issued.
The Enable/Disable SO to Output RY/BY# command sequence:
CS# goes low → sending ESRY command code → CS#
goes high. The command sequence is shown below. CS# must be driven high after the eighth bit of the command code
has been latched in; otherwise the Enable/Disable SO to Output RY/BY# command is not executed.
Figure 22. Enable/Disable SO to Output RY/BY# Diagram
Command
0 1 2 3 4 5 6 7
70H or 80H
CS#
SCLK
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com