Electronic Components Datasheet Search
  English  ▼

X  

GD25LE80C Datasheet(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE80C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE80C Datasheet(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE80C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE80C
17
7.3
Write Enable for Volatile Status Register (50H)
The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to change the system
configuration and memory protection schemes quickly without waiting for the typical non-volatile bit write cycles or affecting
the endurance of the Status Register non-volatile bits. The Write Enable for Volatile Status Register command must be
issued prior to a Write Status Register command and any other commands can't be inserted between them. Otherwise,
Write Enable for Volatile Status Register will be cleared. The Write Enable for Volatile Status Register command will not set
the Write Enable Latch bit, it is only valid for the Write Status Register command to change the volatile Status Register bit
values.
Figure 4. Write Enable for Volatile Status Register Sequence Diagram
7.4 Read Status Register (RDSR) (05H or 35H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read at any
time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles is in progress, it
is recommended to check the Write in Progress (WIP) bit before sending a new command to the device. It is also possible
to read the Status Register continuously.
For command code “05H”, the SO will output Status Register bits S7~S0. The
command code “35H”, the SO will output Status Register bits S15~S8.
Figure 5. Read Status Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
05H or 35H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
S7~S0 or S15~S8 out
S7~S0 or S15~S8 out
MSB
CS#
SCLK
Command(50H)
SI
SO
0
1
2
3
4
5
6
7
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com