Electronic Components Datasheet Search
  English  ▼

X  

P80 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # P80
Description  HARD DISK DRIVE service manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P80 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button P80 Datasheet HTML 9Page - Samsung semiconductor P80 Datasheet HTML 10Page - Samsung semiconductor P80 Datasheet HTML 11Page - Samsung semiconductor P80 Datasheet HTML 12Page - Samsung semiconductor P80 Datasheet HTML 13Page - Samsung semiconductor P80 Datasheet HTML 14Page - Samsung semiconductor P80 Datasheet HTML 15Page - Samsung semiconductor P80 Datasheet HTML 16Page - Samsung semiconductor P80 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
PALO
13
SAMSUNG HARD DISK DRIVE
※ This function is applying to Voyager10,11,11P currently and this function can't show the
defects during process.
3) The others
- Difference of read test and auto test
(Difference from HUTIL user, refer to supplement )
① How to Read All/From Test: In "read all test" case, only show error status on screen not to
progress D/F(defect free) but to read. This method is available for test
in case of lots of set because we can save D/F time if defects are
occurred.
※ In case of S/C in Europe(All-in), progress the test by using read test(F2).
First, progress "all read" and if defect is occurred during progress, decide failure or
B/I judgment quickly to select set promptly in state fail limit and B/I limit are decided
according to defect numbers. This progress is available for test in case of lots of set.
A weak point is that limit is hard to be decided because LED user judge "pass" or B/I
"failure" for himself.
※ Pass standard of EDC in case of S/C in Europe(All-in)
: Progress test ⇒ defects are occurred no more than 0 ~ 4 ⇒ progress D/F ⇒judge "pass".
- Standard of B/I test: Progress test⇒ defect is occurred less than 5 ~ 200
⇒
judge B/I test after B/I down loading.
- Failure standard: Progress test ⇒ defect is occurred more than 200 ⇒ failure
(little bit differ from real case because the standard is a example which HUTIL
user progress the test after data analysis.)
② How to Short/ Long Test : Head check →PES check →M/C check →media check
If defect is occurred during media test,progress D/F keeping on test progress.
In case of Auto test, failure code is appeared on screen so failure is judged commonly.
It takes lots of times because defect is progressed whenever error occurred.
※ Two methods above have weak and strong point both, so apply these to proper condition.
- Standard of failure judgment (Auto test)
① Head Check
ⓐ Write Head: All heads are progressed to write at the last cylinder (ID region).
If it is fail to write due to cylinder error, progress again in the next inner
cylinder.
Record failure status to the corresponding head after progress error
check to all 10
cylinders.( e.g.: Head 0 →Fail, Head 1 →Pass ... )
ⓑ Read Head: Seek 100 cylinders per OD, MD, ID regions →remark "failure" if error occurred in
3 times per region. ( Judge failure by reading not the whole cylinder but
servo sector only because it is apt to mistake failure to head failure due to
scratch)
② PES Check (PES, RCO, Mechanism)
: Compare PES value from the first cylinder starting OD(except MC ),MD,ID region to the 3rd
cylinder. (Check 30 times per 1 cylinder) →Remark "failure" when error occurred more than
3 times per 1 cylinder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com