Electronic Components Datasheet Search
  English  ▼

X  

P80 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # P80
Description  HARD DISK DRIVE service manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P80 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button P80 Datasheet HTML 17Page - Samsung semiconductor P80 Datasheet HTML 18Page - Samsung semiconductor P80 Datasheet HTML 19Page - Samsung semiconductor P80 Datasheet HTML 20Page - Samsung semiconductor P80 Datasheet HTML 21Page - Samsung semiconductor P80 Datasheet HTML 22Page - Samsung semiconductor P80 Datasheet HTML 23Page - Samsung semiconductor P80 Datasheet HTML 24Page - Samsung semiconductor P80 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
PALO
21
SAMSUNG HARD DISK DRIVE
9. Caution
※ Hard disks are very fragile electro-mechanical devices, which are very sensitive to external
shock and vibration, therefore be careful when you use not to be impacted and broken
by static electricity.
1) Handling Damage example from impact
① If you move HDD while it is running: Spindle motor of the interior in HDD start to spinning
at high speed as soon as power on.
Accordingly, if you move HDD without fixing previously
when power on, head is possible to collide disk and at this time floating particles occur.
And these particles damage to disk then cause failure.
② If you dropped or knocked HDD: If you dropped or knocked HDD even though while it isn't
running, head collide disk due to vibration of ARM and at this time floating particles occur.
And these particles damage to disk then cause failure.
2) Damage example for static electricity
① Man is easily charged with electricity so if we handle PCBA of HDD, the high-voltage
affect on IC or circuit and this become a failure cause.
3) Unconsciousness
characteristic of product
① Keeping the interior of HDD stainless make work regularly without particle of head or disk
therefore the interior of HDD is configurated in clean room,after done configuration all
cracks through the exterior are sealed by label so if user doesn't recognize this
characteristic, disjoint the HDD or remove Label or loose Screw could be a failure factor
caused by polluted particle.
4)
Caution in center
① There is such case that failure set is arrived in head S/C attaching label written failure
name to PCBA
or the connecting part between cover of HDD and base after screen about failure
set receipted in center. In this case we
have difficulties in repairing because we can't
remove label. It still looks like failure appearance after done repairing in case of
attaching to PCBA and if attaching label to the connecting part of cover and base, we can't
open cover when we need to separate and repair in clean room. Consequently be sure to mark
failure name in cover only.
② Packaging requirement1 : Be sure to pack with anti-static bag, forwarding to the head S/C
as well as sending to customer after done preparing
is the same. HDD is very fragile
electro-mechanical devices mentioned above, if we don't keep this, failure is getting worse
while forwarding.
③ Packaging requirement2: Be sure to put HDD in direction of 40 pin connect lower
certainly. Follow the example form of the head S/C package model. In corrugated card
board box,20 block-formed sponges is in the box.
Then HDD, piled anti-static bag in each
partition, lay in the sponge 40 pin connect is lowered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com