Electronic Components Datasheet Search
  English  ▼

X  

P80 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # P80
Description  HARD DISK DRIVE service manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P80 Datasheet(HTML) 2 Page - Samsung semiconductor

  P80 Datasheet HTML 1Page - Samsung semiconductor P80 Datasheet HTML 2Page - Samsung semiconductor P80 Datasheet HTML 3Page - Samsung semiconductor P80 Datasheet HTML 4Page - Samsung semiconductor P80 Datasheet HTML 5Page - Samsung semiconductor P80 Datasheet HTML 6Page - Samsung semiconductor P80 Datasheet HTML 7Page - Samsung semiconductor P80 Datasheet HTML 8Page - Samsung semiconductor P80 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
PALO
1
SAMSUNG HARD DISK DRIVE
1. Specification Summary
Items
Specification
Remarks
Voltage Requirement
DC +12V/±10%, DC +5V/±5%
Interface
ATA - 6
Capacity
SP02X1N - 20.0GB (1CH)
SP03X1N - 30.0GB (1CH)
SP04X1N - 40.0GB (1CH)
SP04X2N - 40.0GB (2CH)
SP06X2N - 60.0GB (2CH)
SP08X2N - 80.0GB (2CH)
SP12X3N - 120.0GB (3CH)
SP12X4N - 120.0GB (4CH)
SP16X4H - 160.0GB (4CH)
UDMA133supporting
Disk / Head
SP02X1N - 20.0GB (1DISK)
SP03X1N - 30.0GB (1DISK)
SP04X1N - 40.0GB (1DISK)
SP04X2N - 40.0GB (1DISK)
SP06X2N - 60.0GB (1DISK)
SP08X2N - 80.0GB (1DISK)
SP12X3N - 120.0GB (2DISK)
SP12X4N - 120.0GB (2DISK)
SP16X4H - 160.0GB (2DISK)
Features
S.M.A.R.T Compliant
Buffer size 2 Mbytes
MTBF(POH) 500,000 hours
Seek Time
(RD/WT typical)
Track toTrack :0.8 /1.0 ms
Average
: 8.9 / 10 ms
Full Stroke
:
18 / 19 ms
RPM
7200 ± 0.35 % RPM
Temperature(Operating)
0~60°C
Humidity(Operating)
5~90 %
Non-condensing
Temperature(Non-operating)
63 G @2.0ms
Humidity(Non-operating)
-40~+ 70°C
Linear Shock
(Operating)
5~95 %
Linear Shock
Linear Shock
(Non-operating)
350 G (2ms linear shock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com