Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3371
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3371 Datasheet HTML 20Page - Linear Technology LTC3371 Datasheet HTML 21Page - Linear Technology LTC3371 Datasheet HTML 22Page - Linear Technology LTC3371 Datasheet HTML 23Page - Linear Technology LTC3371 Datasheet HTML 24Page - Linear Technology LTC3371 Datasheet HTML 25Page - Linear Technology LTC3371 Datasheet HTML 26Page - Linear Technology LTC3371 Datasheet HTML 27Page - Linear Technology LTC3371 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
LTC3372
24
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure  3a. RSENSE is chosen based on the required
output current.
This LTC3372’s current comparator has a fixed maximum
current limit threshold of 75mV (typical). The current
comparator threshold voltage sets the peak of the induc-
tor current, yielding a maximum average output current,
IMAX, equal to the peak value less half the peak-to-peak
ripple current, ∆IL. To calculate the sense resistor value,
use the equation:
RSENSE =
VSENSE(MAX)
IMAX +
ΔIL
2
To ensure that the application will deliver full load current
over the full operating temperature range, choose the
minimum value (68mV) for the Maximum Current Sense
Threshold (VSENSE(MAX)) in the Electrical Characteristics
table.
When using the controller in very low dropout conditions,
the maximum output current level will be reduced due
to the internal compensation required to meet stability
criterion for buck regulators operating at greater than
50% duty factor. The maximum current sense threshold
vs duty cycle curve is provided in the Typical Performance
Characteristics section to estimate this reduction in peak
inductorcurrentdependingupontheoperatingdutyfactor.
Inductor DCR Current Sensing
Forapplicationsrequiringthehighestpossibleefficiencyat
high load currents, the LTC3372’s HV controller is capable
of sensing the voltage drop across the inductor DCR, as
showninFigure 3b.TheDCRoftheinductorrepresentsthe
small amount of DC resistance of the copper wire, which
can be less than 1mΩ for today’s low value, high current
inductors. In a high current application requiring such
an inductor, power loss through a sense resistor would
cost several points of efficiency compared to inductor
DCR sensing.
If the external (R1||R2) • C1 time constant is chosen to be
exactly equal to the L/DCR time constant, the voltage drop
across the external capacitor is equal to the drop across
theinductorDCRmultipliedbyR2/(R1+R2).R2scalesthe
voltage across the sense terminals for applications where
the DCR is greater than the target sense resistor value.
To properly dimension the external filter components, the
DCR of the inductor must be known. It can be measured
using a good RLC meter, but the DCR tolerance is not
always the same and varies with temperature; consult
the manufacturers’ data sheets for detailed information.
Using the inductor ripple current value from the Inductor
ValueCalculationsection,thetargetsenseresistorvalueis:
RSENSE(EQUIV) =
VSENSE(MAX)
IMAX +
ΔIL
2
To ensure that the application will deliver full load current
over the full operating temperature range, choose the
minimum value (68mV) for the Maximum Current Sense
Threshold (VSENSE(MAX)) in the Electrical Characteristics
table.
Next, determine the DCR of the inductor. When provided,
use the manufacturer’s maximum value, usually given at
20°C. Increase this value to account for the temperature
coefficient of copper resistance, which is approximately
0.4%/°C. A conservative value for TL(MAX) is 100°C.
To scale the maximum inductor DCR to the desired sense
resistor value, use the divider ratio (RD):
RD =
RSENSE(EQUIV)
DCRMAX at TL(MAX)
C1 is usually selected to be in the range of 0.1μF to 0.47μF.
ThisforcesR1||R2toaround2k,reducingerrorthatmight
have been caused by the SENSE+ pin’s ±1μA current.
The equivalent resistance R1 || R2 is scaled to the room
temperature inductance and maximum DCR:
R1|| R2 =
L
(DCR at 20°C) • C1
High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com