Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3371
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 5 Page - Linear Technology

  LTC3371 Datasheet HTML 1Page - Linear Technology LTC3371 Datasheet HTML 2Page - Linear Technology LTC3371 Datasheet HTML 3Page - Linear Technology LTC3371 Datasheet HTML 4Page - Linear Technology LTC3371 Datasheet HTML 5Page - Linear Technology LTC3371 Datasheet HTML 6Page - Linear Technology LTC3371 Datasheet HTML 7Page - Linear Technology LTC3371 Datasheet HTML 8Page - Linear Technology LTC3371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LTC3372
5
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, VOUT = VINA-H = 3.3V unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
High Voltage Buck Controller
VOUT
Regulated Output Voltage
(Note 5) ITH = 0.7V to 2V
VOUTPRG = INTVCC, VIN = 6V to 60V
VOUTPRG = GND, VIN = 4.5V to 60V
l
l
4.875
3.217
5.000
3.300
5.125
3.383
V
V
VRUN
RUN Pin Controller Enable Threshold
RUN Pin Voltage Rising
Hysteresis
1.17
1.22
50
1.27
V
mV
IRUN
RUN Pin Pull-Up Current
RUN = 0V
0.5
μA
gm
Error Amplifier Transconductance
(Note 5) ITH = 1.2V, Sink/Source 5μA
2
mS
ITRACK/SS
Soft-Start Charge Current
TRACK/SS = 0V
7
10
14
μA
ISENSE+
SENSE+ Pin Current
±1
μA
VSENSE(MAX) Maximum Current Sense Threshold
SENSE– = 3.3V
l
68
75
82
mV
DMAX(HV)
Maximum Duty Cycle In Dropout
RRT = 400k
97.5
98
%
TG
Top Gate Pull-Up On-Resistance
Top Gate Pull-Down On-Resistance
2.3
1.5
Ω
Ω
BG
Bottom Gate Pull-Up On-Resistance
Bottom Gate Pull-Down On-Resistance
2.4
1.1
Ω
Ω
tD(TG/BG)
Delay Time, Top Gate Off to Bottom Gate On (Note 6)
40
ns
tD(BG/TG)
Delay Time, Bottom Gate Off to Top Gate On (Note 6)
18
ns
tON(MIN)
Minimum On-Time (Top Gate)
(Note 7)
60
ns
PGOOD
PGOOD Pin Voltage When Low
PGOOD Pin Leakage Current When High
IPGOOD = 2mA
PGOOD = 5V
0.2
0.4
1
V
μA
UV
VOUT/EXTVCC Pin Undervoltage Threshold
Falling, Relative to Regulated VOUT
Hysteresis
–5
–7.5
2.5
–10
%
%
OV
VOUT/EXTVCC Pin Overvoltage Threshold
Rising, Relative to Regulated VOUT
Hysteresis
+5
+7.5
2.5
+10
%
%
SENSE– Pin Overvoltage Threshold
Rising, Relative to Regulated VOUT
Hysteresis
+15
2.5
%
%
tPGOOD
PGOOD Delay for Reporting OV/UV Fault
PGOOD High to Low
40
μs
INTVCC
No Load Internal VCC Regulated Voltage
INTVCC Voltage Load Regulation
6V < VIN < 60V
IINTVCC = 0mA to 50mA
VOUT = 3.3V
4.9
5.1
–1
5
–2.5
5.3
–2
V
%
V
Ω
No Load Internal VCC Voltage
Source Resistance
IINTVCC = 0mA to 50mA
VOUT = 5V
VOUT Threshold for INTVCC Switchover from
VIN to VOUT
VOUT Rising
Hysteresis
4.5
4.7
0.25
4.9
V
V
Undervoltage Lockout (UVLO) Threshold on
INTVCC
INTVCC Voltage Rising
INTVCC Voltage Falling
l
l
3.6
4.0
3.8
4.25
4.0
V
V
Internal Bias Start Up Time
VOUT = 0V
1.2
ms
Oscillator and Phase-Locked Loop
fOSC
Frequency of Internal Oscillator
(LV Regulators’ Switching Frequency)
VRT = INTVCC
VRT = INTVCC
RRT = 400k
l
l
1.9
1.75
1.85
2
2
2
2.1
2.25
2.15
MHz
MHz
MHz
fSW
HV Controller Switching Frequency
1/6•fOSC
kHz
fPLL/MODE
Synchronization Frequency Range
tLOW, tHIGH > 60ns
l
1
3
MHz
VPLL/MODE
PLL/MODE Level High
PLL/MODE Level Low
For Synchronization
For Synchronization
l
l
1.3
0.25
V
V
VRT
RT Servo Voltage
RRT = 400k
l
770
800
825
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com