Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3371
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3371 Datasheet HTML 27Page - Linear Technology LTC3371 Datasheet HTML 28Page - Linear Technology LTC3371 Datasheet HTML 29Page - Linear Technology LTC3371 Datasheet HTML 30Page - Linear Technology LTC3371 Datasheet HTML 31Page - Linear Technology LTC3371 Datasheet HTML 32Page - Linear Technology LTC3371 Datasheet HTML 33Page - Linear Technology LTC3371 Datasheet HTML 34Page - Linear Technology LTC3371 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
LTC3372
31
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
losses. For example, if each RDS(ON) = 30mΩ, RL =
50mΩ,RSENSE=10mΩandRESR=40mΩ(sumofboth
input and output capacitance losses), then the total
resistance is 130mΩ. This results in losses ranging
from 3% to 13% as the output current increases from
1A to 5A for a 5V output, or a 4% to 20% loss for a
3.3V output. Efficiency varies as the inverse square
of VOUT for the same external components and output
power level. The combined effects of increasingly
lower output voltages and higher currents required
by high performance digital systems is not doubling
but quadrupling the importance of loss terms in the
switching regulator system!
4. TransitionlossesapplyonlytothetopsideMOSFET(s),
and become significant only when operating at high
input voltages (typically 15V or greater). Transition
losses can be estimated from:
Transition Loss = (1.7) • VIN • 2 • IO(MAX) • CRSS • f
Other hidden losses such as copper trace and internal
battery resistances can account for an additional 5%
to 10% efficiency degradation in portable systems. It
is very important to include these system level losses
during the design phase. The internal battery and fuse
resistancelossescanbeminimizedbymakingsurethat
CIN has adequate charge storage and very low ESR at
the switching frequency. A 25W supply will typically
require a minimum of 20μF to 40μF of capacitance
having a maximum of 20mΩ to 50mΩ of ESR. Other
losses including body diode conduction losses during
dead-time and inductor core losses generally account
for less than 2% total additional loss.
Checking Transient Response
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to ∆ILOAD (ESR), where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem. OPTI-
LOOP compensation allows the transient response to be
optimized over a wide range of output capacitance and
ESR values. The availability of the ITH pin not only allows
optimization of control loop behavior, but it also provides
a DC coupled and AC filtered closed-loop response test
point. The DC step, rise time and settling at this test
point truly reflects the closed-loop response. Assuming
a predominantly second order system, phase margin and/
or damping factor can be estimated using the percentage
of overshoot seen at this pin. The bandwidth can also be
estimated by examining the rise time at the pin. The ITH
external components in Typical Applications will provide
an adequate starting point for most applications.
The ITH series RC-CC filter sets the dominant pole-zero
loop compensation. The values can be modified slightly
to optimize transient response once the final PC layout is
done and the particular output capacitor type and value
have been determined. The output capacitors need to be
selected because the various types and values determine
the loop gain and phase. An output current pulse of 20%
to 80% of full-load current having a rise time of 1μs to
10μs will produce output voltage and ITH pin waveforms
that will give a sense of the overall loop stability without
breaking the feedback loop.
Placing a power MOSFET directly across the output ca-
pacitor and driving the gate with an appropriate signal
generator is a practical way to produce a realistic load step
condition. The initial output voltage step resulting from
the step change in output current may not be within the
bandwidth of the feedback loop, so this signal cannot be
used to determine phase margin. This is why it is better
to look at the ITH pin signal which is in the feedback loop
andisthefilteredandcompensatedcontrolloopresponse.
The gain of the loop will be increased by increasing RC
and the bandwidth of the loop will be increased by de-
creasing CC. If RC is increased by the same factor that
CC is decreased, the zero frequency will be kept the same,
thereby keeping the phase shift the same in the most
critical frequency range of the feedback loop. The output
voltage settling behavior is related to the stability of the
closed-loopsystemandwilldemonstratetheactualoverall
supply performance.
High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com