Electronic Components Datasheet Search
  English  ▼

X  

T25S128ASIPT Datasheet(PDF) 39 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S128ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S128ASIPT Datasheet(HTML) 39 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S128ASIPT Datasheet HTML 35Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 36Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 37Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 38Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 39Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 40Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 41Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 42Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 43Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
39
7.1 Configuration and Status Commands
7.1.1 Read Status Register (05h/35h/15h)
The Read Status Register commands allow the 8-bit Status Registers to be read. The command is
entered by driving CS# low and shifting the instruction code “05h” for Status Register-1, “35h” for Status
Register-2, “15h” for Status Register-3 into the DI pin on the rising edge of CLK. The Status Register bits are
then shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first as shown in
Figure 7.1. The Status Register bits are shown in Section 6.2, Status Registers.
The Read Status Register-1 (05h) command may be used at any time, even during a Program, Erase, or
Write Status Registers cycle. This allows the BUSY status bit to be checked to determine when the operation
is complete and if the device can accept another command.
Figure 7.1a Read Status Register Instruction(SPI Mode)
Figure 7.1b Read Status Register Instruction(QPI Mode)
7.1.2 Write Enable (06h)
The Write Enable instruction (Figure 7.2) sets the Write Enable Latch (WEL) bit in the Status Register to
a 1. The WEL bit must be set prior to every Page Program, Sector Erase, Block Erase, Chip Erase and Write
Status Register instruction. The Write Enable instruction is entered by driving CS# low, shifting the instruction
code “06h” into the Data Input (DI) pin on the rising edge of CLK, and then driving CS# high.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com