Electronic Components Datasheet Search
  English  ▼

X  

T25S128ASIPT Datasheet(PDF) 49 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S128ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S128ASIPT Datasheet(HTML) 49 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S128ASIPT Datasheet HTML 45Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 46Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 47Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 48Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 49Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 50Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 51Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 52Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 53Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
49
Figure 7.16 Fast Read Quad Output Instruction
7.3.5 Fast Read Dual I/O (BBh)
The Fast Read Dual I/O (BBh) instruction allows for improved random access while maintaining two IO
pins, IO0 and IO1. It is similar to the Fast Read Dual Output (3Bh) instruction but with the capability to input
the Address bits (A23-0) two bits per dock. This reduced instruction overhead may allow for code execution
(XIP) directly from the Dual SPI in some applications.
Fast Read Dual I/O with "Continuous Read Mode"
The Fast Read Dual I/O instruction can further reduce instruction overhead through setting the
"Continuous Read Mode" bits (M7-0) after the input Address bits (A23-0), as shown in Figure 7.17. The upper
nibble of the (M7-4) controls the length of the next Fast Read Dual I/O instruction through the inclusion or
exclusion of the first byte instruction code. The lower nibble bits of the (M3-0) are don't care ("X"). However,
the IO pins should be high-impedance prior to the falling edge of the first data out clock. It is recommended to
input FFFFh on IO0 for the next instruction (16 clocks), to ensure M4 = 1 and return the device to normal
operation.
Figure 7.17 Fast Read Dual I/O Instruction (Initial command or previous M5-4≠10)
Note:
1. Least significant 4 bits of Mode are don’t care and it is optional for the host to drive these bits. The host may turn off drive during these
cycles to increase bus turnaround time between Mode bits from host and returning data from the memory
Figure 7.18 Fast Read Dual I/O Instruction (Initial command or previous M5-4=10)
7.3.6 Fast Read Quad I/O (EBh)
The Fast Read Quad I/O (EBh) command is similar to the Fast Read Dual I/O (BBh) command except
that address and data bits are input and output through four pins IO0, IO1, IO2 and IO3 and Dummy clock are
required prior to the data output. The Quad I/O dramatically reduces instruction overhead allowing faster
random access for code execution (XIP) directly from the Quad SPI. The Quad Enable bit (QE) of Status
Register-2 must be set to enable the Fast Read Quad I/O Command.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com