Electronic Components Datasheet Search
  English  ▼

X  

T25S128ASIPT Datasheet(PDF) 21 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S128ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S128ASIPT Datasheet(HTML) 21 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S128ASIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 23Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 24Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S128ASIPT Datasheet HTML 25Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
21
allowing fast code-shadowing to RAM or execution directly from the SPI bus (XIP). When using Quad SPI
instructions, the DI and DO pins become bidirectional IO0 and IO1, and the WP# and HOLD# / RESET# pins
become IO2 and IO3 respectively. Quad SPI instructions require the non-volatile Quad Enable bit (QE) in
Status Register-2 to be set.
6.1.4 QPI Function
The
HM25Q128A supports Quad Peripheral Interface (QPI) operations when the device is switched from
Standard/Dual/Quad SPI mode to QPI mode using the “Enter QPI (38h)” instruction. The typical SPI protocol
requires that the byte-long instruction code being shifted into the device only via DI pin in eight serial clocks.
The QPI mode utilizes all four IO pins to input the instruction code, thus only two serial clocks are required.
This can significantly reduce the SPI instruction overhead and improve system performance in an XIP
environment. Standard/Dual/Quad SPI mode and QPI mode are exclusive. Only one mode can be active at
any given time. “Enter QPI (38h)” and “Exit QPI (FFh)” instructions are used to switch between these two
modes. Upon power-up or after a software reset using “Reset (99h)” instruction, the default state of the device
is Standard/Dual/Quad SPI mode. To enable QPI mode, the non-volatile Quad Enable bit (QE) in Status
Register-2 is required to be set. When using QPI instructions, the DI and DO pins become bidirectional IO0
and IO1, and the WP# and HOLD# / RESET# pins become IO2 and IO3 respectively.
6.1.5 Hold Function
For Standard SPI and Dual SPI operations, the HOLD# / RESET# (IO3) signal allows the device interface
operation to be paused while it is actively selected (when CS# is low). The Hold function may be useful in
cases where the SPI data and clock signals are shared with other devices. For example, if the page buffer is
only partially written when a priority interrupt requires use of the SPI bus, the Hold function can save the state
of the interface and the data in the buffer so programming command can resume where it left off once the bus
is available again. The Hold function is only available for standard SPI and Dual SPI operation, not during
Quad SPI.
To initiate a Hold condition, the device must be selected with CS# low. A Hold condition will activate on
the falling edge of the HOLD# signal if the CLK signal is already low. If the CLK is not already low the Hold
condition will activate after the next falling edge of CLK. The Hold condition will terminate on the rising edge of
the HOLD# signal if the CLK signal is already low. If the CLK is not already low the Hold condition will
terminate after the next falling edge of CLK. During a Hold condition, the Serial Data Output, (DO) or IO0 and
IO1, are high impedance and Serial Data Input, (DI) or IO0 and IO1, and Serial Clock (CLK) are ignored. The
Chip Select (CS#) signal should be kept active (low) for the full duration of the Hold operation to avoid
resetting the internal logic state of the device.
6.1.6 Software Reset & Hardware RESET# pin
The
HM25Q128A can be reset to the initial power-on state by a software Reset sequence, either in SPI
mode or QPI mode. This sequence must include two consecutive commands: Enable Reset (66h) & Reset
(99h). If the command sequence is successfully accepted, the device will take approximately 10us (tRST) to
reset. No command will be accepted during the reset period.
HM25Q128A
can also be configured to utilize a hardware RESET# pin. The HRSW bit in the Status
Register-3 is the configuration bit for HOLD# pin function or RESET# pin function. When HRSW=0 (factory
default), the pin acts as a HOLD# pin as described above; when HRSW =1, the pin acts as a RESET# pin.
Drive the RESET# pin low for a minimum period of ~1us (tRESET*) will reset the device to its initial power-on
state. Any on-going Program/Erase operation will be interrupted and data corruption may happen. While
RESET# is low, the device will not accept any command input.
If QE bit is set to 1, the HOLD# or RESET# function will be disabled, the pin will become one of the four
data I/O pins.
Hardware RESET# pin has the highest priority among all the input signals. Drive RESET# low for a
minimum period of ~1us (tRESET*) will interrupt any on-going external/internal operations, regardless the status
of other SPI signals (CS#, CLK, DI, DO, WP# and/or HOLD#).
Note:
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com