Electronic Components Datasheet Search
  English  ▼

X  

GD25Q16CSIG Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q16CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q16CSIG Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q16CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q16C
56
GD25Q16CQEG
16Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q16CWEG
16Mbit
WSON8 (6x5mm)
GD25Q16CZEG
16Mbit
TFBGA-24ball (6x4 Ball Array)
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q16CTFG
16Mbit
SOP8 150mil
GD25Q16CSFG
16Mbit
SOP8 208mil
GD25Q16CVFG
16Mbit
VSOP8 208mil
GD25Q16CPFG
16Mbit
DIP8 300mil
GD25Q16CEFG
16Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q16CNFG
16Mbit
USON8 (3x4mm)
GD25Q16CQFG
16Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q16CWFG
16Mbit
WSON8 (6x5mm)
GD25Q16CZFG
16Mbit
TFBGA-24ball (6x4 Ball Array)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com