Electronic Components Datasheet Search
  English  ▼

X  

GD25Q16CSIG Datasheet(PDF) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q16CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q16CSIG Datasheet(HTML) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q16CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q16C
67
Modify Enable Reset(66H)and Reset(99H) Description
Modify Power on Timing
Modify VWI:Min.2.1V change to Min.1.5V
Data retention and endurance
Add Transient Input/Output Volatge (note:overshoot):-2.0 to
(VCC+2.0)V
Modify VCC: -0.6 to VCC+0.4 Change to-0.6 to 4.2V
Modify Ordering Information
Modify Absolute maximum Ratings: Delete Output Short Circuit
Current 200mA
Add Valid Part Numbers
Modify Package Information
Modify Package USON8(4*4mm,0.55 thickness) Change to
Package USON8(4*4mm,0.45 thickness)
Modify Package TFBGA24 Ball Array
P37
P43
P43
P4
P43
P43
P49
P43
P49
P50
P55
P59
2.2
Modify ORDERING INFORMATION
P49
2017-2-12
2.3
Modify ORDERING INFORMATION
Update Package WSON8 6*5mm
P49
P57
2017-3-8
2.4
Modify Icc9 from 400~800uA to 0.6~1.2mA
Modify tBE2 max. value from 0.5/0.8s to 0.5/1.2s
Modify the length the Unique ID from 64 bits to 128 bits
P44
P45
P4
2017-8-2
2.5
A
dd Packing Type of “T or no mark: Tube” in the ORDERING
INFORMATION
Delete tRST_R and tRST_P
Add tRST, max = 30us
P48
P46
P46
2017-9-13
2.6
Modify the note of the description of WSON and USON Packages
P55-58
2017-10-17
2.7
Add tRS to the DC CHARACTERISTICS, of which the min. value is
100us
Update the description of all packages
P46
P50-58
2018-3-15
2.8
Modify tVSL min. value from 5ms to 1.8ms
Modify tBE1 max value from 0.3/0.7s to 0.8/1.2s (<50K/50-100K
cycling)
Modify tBE2 max value from 0.5/0.8s to 1.2/2.0s (<50K/50-100K
cycling)
P42
P46
P46
2018-5-17
2.9
Modify Read Unique ID
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Modify Ordering Information
P33
P45/49-50
P46/51-52
P54-55
2018-7-6
3.0
Modify tSE max value from 200/300ms to 300ms@-40℃~85℃
Modify tBE1 max value from 0.8/1.6s to 1.6s@-40℃~85℃
Modify tBE2 max value from 1.2/2.0s to 2.0s@-40℃~85℃
Modify the description of USON8 3x2mm
Modify the description of USON8 3x4mm
P48
P48
P48
P61
P62
2018-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com