Electronic Components Datasheet Search
  English  ▼

X  

GD25Q16CSIG Datasheet(PDF) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q16CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q16CSIG Datasheet(HTML) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q16CSIG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CSIG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q16C
7
3. MEMORY ORGANIZATION
GD25Q16C
Each device has
Each block has
Each sector has
Each page has
2M
64/32K
4K
256
Bytes
8K
256/128
16
-
pages
512
16/8
-
-
sectors
32/64
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25Q16C 64K Bytes Block Sector Architecture
Block
Sector
Address range
31
511
1FF000H
1FFFFFH
……
……
……
496
1F0000H
1F0FFFH
30
495
1EF000H
1EFFFFH
……
……
……
480
1E0000H
1E0FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com