Electronic Components Datasheet Search
  English  ▼

X  

RM3256S Datasheet(PDF) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3256S
Description  5V/1A charger application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3256S Datasheet(HTML) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3256S Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256S Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256S Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RM3256S
5V/1A 充电器应用方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
D7
二极管
SB340 40V/3A, Schottky
DO-214AC
1
R11
贴片电阻
Resistor SMD 1.2K 5%
SMD0805
1
R12
贴片电阻
Resistor SMD 22R
5%
SMD0603
1
备注:抗浪涌电阻直接接在交流输入线上,见原理图连接方式。
PCB图:
DEMO图



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com