Electronic Components Datasheet Search
  English  ▼

X  

RM3256S Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3256S
Description  5V/1A charger application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3256S Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3256S Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256S Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256S Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM3256S
5V/1A 充电器应用方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
系统 BOM 清单:
位号
元件类型
规格描述
封装尺寸
数量 厂家
U1
IC
RM3256S
SOP-7
1 亚成微
F1/NC
保险丝
FUSE 250V/1A
DIP
1
BD1
整流桥
MB10F
1000V/1A Bridge
SOP-4
1
T1
变压器
Transformer, EE13,
EE13
1
L1
电感
Choke coil 1mH
1W
DIP
1
C1
电解电容
4.7uF, 400V, Electrolytic
Φ8*12
1
C2
电解电容
6.8uF, 400V, Electrolytic
Φ8*15
1
C3
贴片电容
Capactor SMD 102, 1000V
10%
SMD1206
1
C4
贴片电容
Capactor SMD 226, 16V 10%
SMD0805
1
C5
贴片电容
Capactor SMD 104, 25V 10%
SMD0603
1
C6
电解电容
470 uF, 10 V, Electrolytic,Low ESR, 105℃
Φ6*11
1
C7
电解电容
470 uF, 6.3 V, RN420
Φ5*6
1
C8
贴片电容
Capactor SMD 102,50V
10%
SMD0805
1
CY1/NC
Y 电容
102 1000V
DIP
1
R1 R2
贴片电阻
Resistor SMD 1.5M 5%
SMD1206
2
R3
贴片电阻
Resistor SMD 220R 5%
SMD1206
1
R4
贴片电阻
Resistor SMD 270K 5%
SMD1206
1
R5
贴片电阻
Resistor SMD 1.3R
1%
SMD1206
1
R8
贴片电阻
Resistor SMD 6.8K 1%
SMD0603
1
R9
贴片电阻
Resistor SMD 5.6K 1%
SMD0603
1
R10
贴片电阻
Resistor SMD 39K
1%
SMD0603
1
USB
AF90
DIP
1
D5
二极管
M7 1000V/1A
SOD-123
1
D6
二极管
A7
1000V/1A
SOD-123
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com