Electronic Components Datasheet Search
  English  ▼

X  

RM3256S Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3256S
Description  5V/1A charger application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3256S Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3256S Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256S Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256S Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM3256S
5V/1A 充电器应用方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
产品概述:
RM3256S 是一种具备高精度恒压、恒流的原边反馈控制芯片,省掉光耦与 TL431。内置 800V 大功率
BJT,适应宽电压(90V—380V)输入。
RM3256S 利用 PSR 技术提供精确的 CC/CV 模式能效六级的控制芯片,芯片工作在 PFM 时,可侦测
负载变化自动调整开关频率。芯片采用 QR 驱动模式,增强了功率三极管的耐压能力,并且减小开关损
耗,提升电路的转换效率。
RM3256S 采用 SOP-7 封装。
系统规格:5V/1A
典型应用:
图 1
系统应用理图
输入电压
85V AC-265V AC
输出功率
5W
功率管
800V/1.2A
效率
≥76.2%
恒压精度
≤±3%
待机功耗
<72mW
恒流精度
≤±3%
变压器
EE13


Similar Part No. - RM3256S

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM3256AS REACTOR-RM3256AS Datasheet
270Kb / 3P
5V1A charger application
More results

Similar Description - RM3256S

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9638 ETA-ETA9638 Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9640 ETA-ETA9640 Datasheet
214Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9688 ETA-ETA9688 Datasheet
168Kb / 1P
5V/2.1A Synchronous Boost with 1A linear Charger
logo
Shaanxi Reactor Micro...
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
5V,2A charger application
RM3257D REACTOR-RM3257D Datasheet
467Kb / 3P
12V/1A charger application
RM3257S REACTOR-RM3257S Datasheet
346Kb / 3P
5V/2.1A charger application
RM3272S REACTOR-RM3272S Datasheet
261Kb / 3P
5V/1.5A charger application
RM6334D REACTOR-RM6334D_1 Datasheet
632Kb / 3P
5V/3A charger/adapter application
logo
SparkFun Electronics
PRT-14411 SPARKFUN-PRT-14411 Datasheet
94Kb / 2P
SparkFun LiPo Charger/Booster ??5V/1A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com