Electronic Components Datasheet Search
  English  ▼

X  

HM2007 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2007
Description  Wireless Charger for 5W to 20W Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2007 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2007 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGE INFORMATION
8 PINS, SOP, 150MIL
Symbol
Dimensions
Min.
Nom.
Max.
A
-
-
1.70
A1
0.00
-
0.15
A2
1.30
1.40
1.50
b
0.39
-
0.48
c
0.21
-
0.25
e
1.27 BSC
D
4.90 BSC
E
6.00 BSC
E1
3.90 BSC
L
0.40
-
1.27
L1
1.04 REF
θ
0°
-
8°
Notes:
1. Refer to JEDEC MS-012 AA
2. All dimensions are in millimeter.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com