Electronic Components Datasheet Search
  English  ▼

X  

HM2007 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2007
Description  Wireless Charger for 5W to 20W Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2007 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2007 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APPLICATION CIRCUIT
SOP8
/DFN8:
VCC
PWM
GND
BOOT
UGATE
LGATE
PHASE
VIN
C2
C3
COUT
LS
HS
C1
VCC
VOUT
L
PWM
Cbst
R1
R2
R3
EN
EN
(Only for DFN8)
Reference Design of BOM:
Name
Value
Name
Value
C1
10uF
R1
0
C2
0.1uF
R2
5ohm
C3
22uF
R3
0
Cbst
680nF
TRUTH TABLE
Package
EN
PWM
LGATE
UGATE
SOP8
-
L
H
L
-
H
L
H
DFN8
L
-
L
L
H
L
H
L
H
H
L
H



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com