Electronic Components Datasheet Search
  English  ▼

X  

HM2007 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2007
Description  Wireless Charger for 5W to 20W Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2007 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2007 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2007 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PIN CONFIGURATION
1
2
3
4
8
7
6
5
BOOT
PWM
NC
VCC
UGATE
PHASE
GND
LGATE
1
2
3
4
8
7
6
5
BOOT
PWM
EN
VCC
UGATE
PHASE
GND
LGATE
SOP8
DFN8(2X2, 3X3)
PIN DESCRIPTION
Pin Name
Description
Pin No.
SOP8
DFN8
BOOT
Floating bootstrap supply pin for upper gate drive
1
1
PWM
Input PWM signal for controlling the Driver
2
2
NC
No internal connection
3
-
EN
Enable
-
3
VCC
Logic and low-side gate drivers power supply voltage
4
4
LGATE
Lower gate drive output
5
5
GND
Ground
6
6
PHASE
Connect this pin to the source of the high side MOSFET and the
drain of the low side MOSFET
7
7
UGATE
Upper gate drive output
8
8
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
HM2007
8 Pins, SOP, 150mil
HM2007
HM2007
8 Pins, DFN, 2*2
HM2007
HM2007
8 Pins, DFN, 3*3
HM2007



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com