Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFES Datasheet(PDF) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFES
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFES Datasheet(HTML) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFES Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
15
ADP bit
The Address Power-up (ADP) bit is a non-volatile writable bit that determines the initial address mode when the device
is powered on or reset. This bit is only used during the power on or device reset initialization period. When ADP=0(factory
default), the device will power up into 3-Byte address mode, the Extended Address Register must be used to access memory
regions beyond 128Mb. When ADP=1, the device will power up into 4-Byte address mode directly.
Power Up
Device Initialization
& Status Register Refresh
(Non-Volatile Cells)
4-Byte Address
Standard SPI
Dual SPI
Quad SPI
3-Byte Address
Standard SPI
Dual SPI
Quad SPI
Enable 4-Byte (B7H)
Disable 4-Byte (E9H)
ADP bit value
ADP = 0
ADP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com