Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFES Datasheet(PDF) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFES
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFES Datasheet(HTML) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFES Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
8
3. MEMORY ORGANIZATION
GD25Q256D
Table 4. GD25Q256D Memory Organization
Each device has
Each block has
Each sector has
Each page has
32M
64/32K
4K
256
Bytes
128K
256/128
16
-
pages
8192
16/8
-
-
sectors
512/1024
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25Q256D
Table 5. GD25Q256D 64K Bytes Block Sector Architecture
Block
Sector
Address Range
511
8191
01FF F000H
01FF FFFFH
……
……
……
8176
01FF 0000H
01FF 0FFFH
510
8175
01FE F000H
01FE FFFFH
……
……
……
8160
01FE 0000H
01FE 0FFFH
509
8159
01FD F000H
01FD FFFFH
……
……
……
8144
01FD 0000H
01FD 0FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
0002 F000H
0002 FFFFH
……
……
……
32
0002 0000H
0002 0FFFH
1
31
0001 F000H
0001 FFFFH
……
……
……
16
0001 0000H
0001 0FFFH
0
15
0000 F000H
0000 FFFFH
……
……
……
0
0000 0000H
0000 0FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com