Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFES Datasheet(PDF) 24 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFES
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFES Datasheet(HTML) 24 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFES Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFES Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
24
7.5.
Write Status Register (WRSR) (01H or 31H or 11H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it can be
accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable (WREN)
command has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) command has no effect on S19, S18, S15, S10, S8, S1 and S0 of the Status
Register. CS# must be driven high after the eighth of the data Byte has been latched in. If not, the Write Status Register
(WRSR) command is not executed. As soon as CS# is driven high, the self-timed Write Status Register cycle (whose
duration is tW) is initiated. While the Write Status Register cycle is in progress, the Status Register may still be read to check
the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register
cycle, and is 0 when it is completed. When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (TB, BP3,
BP2, BP1, and BP0) bits, to define the size of the area that is to be treated as read-only. The Write Status Register (WRSR)
command also allows the user to set or reset the Status Register Protect (SRP) bits in accordance with the Write Protect
(WP#) signal. The Status Register Protect (SRP) bits and Write Protect (WP#) signal allow the device to be put in the
Hardware Protected Mode. The Write Status Register (WRSR) command is not executed once the Hardware Protected
Mode is entered.
The Write Status Register-1 (01h) command can also write the Status Register-1&2. To complete the Write Status
Register-1&2 command, the CS# pin must be driven high after the sixteenth bit of data is clocked in. If CS# is driven high
after the eighth clock, the Write Status Register-1 (01h) instruction will only program the Status Register-1, and the Status
Register-2 will not be affected.
Figure 9. Write Status Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
01H/31H/11H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Status Register in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com