Electronic Components Datasheet Search
  English  ▼

X  

LVEB Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # LVEB
Description  Constant Current LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LVEB Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  LVEB Datasheet HTML 1Page - PAIRUI GROUP INC. LVEB Datasheet HTML 2Page - PAIRUI GROUP INC. LVEB Datasheet HTML 3Page - PAIRUI GROUP INC. LVEB Datasheet HTML 4Page - PAIRUI GROUP INC. LVEB Datasheet HTML 5Page - PAIRUI GROUP INC. LVEB Datasheet HTML 6Page - PAIRUI GROUP INC. LVEB Datasheet HTML 7Page - PAIRUI GROUP INC. LVEB Datasheet HTML 8Page - PAIRUI GROUP INC. LVEB Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
PartNumber
Nominal
Input Voltage
Output Current
Output Voltage
No Load
Output Voltage
Ripple
Certificate
LVEB40-C400-A2
220-240VAC
400mA(70-95V)
100V
70%
/10%
–
LVEB40-C500-A2
220-240VAC
500mA(50-76V)
80V
70%
/10%
–
LVEB40-C650-A2
220-240VAC
650mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB40-C700-A2
220-240VAC
700mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB40-C850-A2
220-240VAC
850mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB40-C900-A2
220-240VAC
900mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB40-C950-A2
220-240VAC
950mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB45-C550-A2
220-240VAC
550mA(50-76V)
80V
70%
/10%
–
LVEB45-C750-A2
220-240VAC
750mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB45-C1000-A2*
220-240VAC
1000mA(27-42V)
50V
70%
CE, TUV, CCC, SAA
LVEB45-C1050-A2*
220-240VAC
1050mA(27-42V)
50V
70%
CE, TUV, CCC, SAA
www.pairuigroup.com
Page:3/7
PAIRUI ELECTRONICS
NOTE:
1. Other output models are may available on request;
2. Add suffix “R” for low ripple version(≤10%);
3. The models which marked with * is only available for high ripple version.
Updated 2019-V1.1-0315



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com