Electronic Components Datasheet Search
  English  ▼

X  

LVEB Datasheet(PDF) 8 Page - PAIRUI GROUP INC.

Part # LVEB
Description  Constant Current LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LVEB Datasheet(HTML) 8 Page - PAIRUI GROUP INC.

  LVEB Datasheet HTML 1Page - PAIRUI GROUP INC. LVEB Datasheet HTML 2Page - PAIRUI GROUP INC. LVEB Datasheet HTML 3Page - PAIRUI GROUP INC. LVEB Datasheet HTML 4Page - PAIRUI GROUP INC. LVEB Datasheet HTML 5Page - PAIRUI GROUP INC. LVEB Datasheet HTML 6Page - PAIRUI GROUP INC. LVEB Datasheet HTML 7Page - PAIRUI GROUP INC. LVEB Datasheet HTML 8Page - PAIRUI GROUP INC. LVEB Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Mechanical
PRODUCT SPECIFICATION
led power supplies
Electrical Curve
www.pairuigroup.com
Page:7/7
PAIRUI ELECTRONICS
T case
10.5
45
5.4
2-R2.
15
114
Unit: mm
Input Voltage(Vac)
100
80
60
40
20
0
180
190
200
220
240
260
264
Static Characteristics
Ambient Temperature(℃)
100
80
60
40
20
0
-35
0
30
40
50
60
70
Derating Curve
Updated 2019-V1.1-0315



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com