Electronic Components Datasheet Search
  English  ▼

X  

LVEB Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LVEB
Description  Constant Current LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LVEB Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LVEB Datasheet HTML 1Page - PAIRUI GROUP INC. LVEB Datasheet HTML 2Page - PAIRUI GROUP INC. LVEB Datasheet HTML 3Page - PAIRUI GROUP INC. LVEB Datasheet HTML 4Page - PAIRUI GROUP INC. LVEB Datasheet HTML 5Page - PAIRUI GROUP INC. LVEB Datasheet HTML 6Page - PAIRUI GROUP INC. LVEB Datasheet HTML 7Page - PAIRUI GROUP INC. LVEB Datasheet HTML 8Page - PAIRUI GROUP INC. LVEB Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
PartNumber
Nominal
Input Voltage
Output Current
Output Voltage
No Load
Output Voltage
Ripple
Certificate
LVEB20-C200-A2
220-240VAC
200mA(50-76V)
80V
70%
/10%
–
LVEB20
-C250-A2
220-240VAC
250mA(50-76V)
80V
70%
/10%
–
LVEB20-C300-A2
220-240VAC
300mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB20-C350-A2
220-240VAC
350mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB20-C400-A2
220-240VAC
400mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB20-C450-A2
220-240VAC
450mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB25-C300-A2
220-240VAC
300mA(50-76V)
80V
70%
/10%
–
LVEB25-C400-A2
220-240VAC
400mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB25-C450-A2
220-240VAC
450mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB25-C500-A2
220-240VAC
500mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB25-C550-A2
220-240VAC
550mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB25-C600-A2
220-240VAC
600mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB30-C300-A2
220-240VAC
300mA(70-95V)
100V
70%
/10%
–
LVEB30-C350-A2
220-240VAC
350mA(50-76V)
80V
70%
/10%
–
LVEB30-C400-A2
220-240VAC
400mA(50-76V)
63V
70%
/10%
–
LVEB30-C500-A2
220-240VAC
500mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB30-C550-A2
220-240VAC
550mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB30-C650-A2
220-240VAC
650mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB30-C700-A2
220-240VAC
700mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB35-C350-A2
220-240VAC
350mA(70-95V)
100V
70%
/10%
–
LVEB35-C450-A2
220-240VAC
450mA(50-76V)
80V
70%
/10%
–
LVEB35-C600-A2
220-240VAC
600mA(40-55V)
63V
70%
/10%
CE, TUV, CCC, SAA
LVEB35-C750-A2
220-240VAC
750mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
LVEB35-C800-A2
220-240VAC
800mA(27-42V)
50V
70%
/10%
CE, TUV, CCC, SAA
www.pairuigroup.com
Page:2/7
PAIRUI ELECTRONICS
Updated 2019-V1.1-0315



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com