Electronic Components Datasheet Search
  English  ▼

X  

HM4021 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4021
Description  Built-in power stage with low-resistance NMOS FET technology ensures high efficiency and low power consumption
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4021 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4021 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1. 概述
HM4021 是一款无线充电接收+锂电保护芯片,其集成通讯、高频整流、频率控制、充电状态指
示、过温保护、过流保护、锂电保护等功能,外围器件精简到只需要一个小电容,带上模拟混合数字的
技术,使整机可靠性更高,应用更加灵活简洁。在小体积的产品上应用更加有优势和效率更高。应用范
围广:数码产品(智能手表、手环、耳机
……),以及各类需要防水、外观讲究和充电方便的手持产品。
2. 特性
内置的功率级采用低电阻
NMOS FET 技术确保高效率与低功耗
内置模拟
+数字解调,减少外围器件,通讯更加可靠灵活
充电状态和电池状态可以给指示
免调试,自动连接
自动功率控制
过热保护功能(
OTP)
欠压保护功能
(UVLO)
过流保护功能(
OCP)
短路保护功能(
SCP)
外围电路简单到一个电容,体积小,安装方便
静态电流小于
6uA,过放电保护后电流小于 1uA
电池保护功能
充电电压检测精度高
锂电保护
多芯片并联,增加充电电流
HM4021
无线充电接收
+锂电保护芯片


Similar Part No. - HM4021

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4022 HMSEMI-HM4022 Datasheet
449Kb / 9P
Built-in power stage with low-resistance NMOS FET technology ensures high efficiency and low power consumption
logo
Voltage Multipliers Inc...
HM402N10 VMI-HM402N10 Datasheet
81Kb / 1P
2,000V - 4,000V Miniature Hybrid Multiplier
HM402N8 VMI-HM402N8 Datasheet
81Kb / 1P
2,000V - 4,000V Miniature Hybrid Multiplier
HM402P10 VMI-HM402P10 Datasheet
81Kb / 1P
2,000V - 4,000V Miniature Hybrid Multiplier
HM402P8 VMI-HM402P8 Datasheet
81Kb / 1P
2,000V - 4,000V Miniature Hybrid Multiplier
More results

Similar Description - HM4021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-42NC5 LITEON-LTW-42NC5 Datasheet
195Kb / 8P
Low power consumption, High efficiency
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
Ultra-low power consumption technology
logo
SunLED Corporation
XSM2CRK983W SUNLED-XSM2CRK983W Datasheet
233Kb / 3P
Low power consumption and thermal resistance
XSM2DG983W SUNLED-XSM2DG983W Datasheet
226Kb / 3P
Low power consumption and thermal resistance
logo
Shenzhen Huazhimei Semi...
HM4010 HMSEMI-HM4010 Datasheet
358Kb / 5P
Built-in PWM generator and power stage technology
HM4011 HMSEMI-HM4011 Datasheet
563Kb / 7P
Built-in power stage with low-resistance NMOS FET technology ensures high efficiency and low power consumption
HM4022 HMSEMI-HM4022 Datasheet
449Kb / 9P
Built-in power stage with low-resistance NMOS FET technology ensures high efficiency and low power consumption
logo
Quectel Wireless Soluti...
L70-RL QUECTEL-L70-RL Datasheet
1Mb / 2P
Compact GPS Module with Built-in LNA and Ultra Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com