Electronic Components Datasheet Search
  English  ▼

X  

830H Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 830H
Description  5A竊?00V N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

830H Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  830H Datasheet HTML 1Page - KIA Semiconductor Technology 830H Datasheet HTML 2Page - KIA Semiconductor Technology 830H Datasheet HTML 3Page - KIA Semiconductor Technology 830H Datasheet HTML 4Page - KIA Semiconductor Technology 830H Datasheet HTML 5Page - KIA Semiconductor Technology 830H Datasheet HTML 6Page - KIA Semiconductor Technology 830H Datasheet HTML 7Page - KIA Semiconductor Technology 830H Datasheet HTML 8Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5A,500V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
830H
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
Parameter
Symbol
Rating
Units
Drain-source voltage
(note*1)
VDSS
500
V
Continuous drain current
ID
5.0*
A
ID@100℃
Figure3
A
Pulsed drain current,VGS@10V
(note*2)
IDM
Figure6
A
Power dissipation
PD
100
W
Derating factor above 25℃
0.8
W/℃
Gate-source voltage
VGS
+20
V
Pulse avalanche rating
IAS
Figure8
A
Peak diode recovery dv/dt
(note*3)
dv/dt
5.0
V/ns
Maximum temperature for soldering
Leads at 0.063 in ( 1.6mm ) from case for 10
seconds package body for 10 seconds
TL
TPKG
300
260
ºC
Operating junction and storage temperature
range
TJ ,TSTG
-55 to150
ºC
*Drain current limited by maximum junction temperature
Caution:Stresses greater than those listed in the
”Absolute maximum ratings”table may cause permanent
Damage to the device
5. Thermal characteristics
Parameter
Symbol
Rating
Unit
Test condition
Junction-ambient
RθJA
100
ºC/W
1 cubic foot chamber,free air
Junction-case
RθJC
1.25
ºC/W
Drain lead soldered to water cooled heatsink,PD
adjusted for a peak junction temperature of +150℃
2 of8
Rev 1.1 JAN 2014



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com