Electronic Components Datasheet Search
  English  ▼

X  

830H Datasheet(PDF) 1 Page - KIA Semiconductor Technology

Part # 830H
Description  5A竊?00V N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

830H Datasheet(HTML) 1 Page - KIA Semiconductor Technology

  830H Datasheet HTML 1Page - KIA Semiconductor Technology 830H Datasheet HTML 2Page - KIA Semiconductor Technology 830H Datasheet HTML 3Page - KIA Semiconductor Technology 830H Datasheet HTML 4Page - KIA Semiconductor Technology 830H Datasheet HTML 5Page - KIA Semiconductor Technology 830H Datasheet HTML 6Page - KIA Semiconductor Technology 830H Datasheet HTML 7Page - KIA Semiconductor Technology 830H Datasheet HTML 8Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5A,500V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
830H
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
1. Features
n
RDS(on)=1.0Ω
n
RoHS compliant
n
Low on resistance
n
Low gate charge
n
Peak current vs pulse width curve
2. Applications
n
Adaptor
n
Charger
n
SMPS standby power
3.Symbol
1 of8
Rev 1.1 JAN 2014
Pin
Function
1
Gate
2
Drain
3
Source


Similar Part No. - 830H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
List of Unclassifed Man...
830 ETC2-830 Datasheet
299Kb / 1P
ZERO ADJUSTMENT KNOB
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
830 VISHAY-830 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - 830H

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
12N60H KIA-12N60H Datasheet
451Kb / 7P
12A竊?00V N-CHANNEL MOSFET
16N50H KIA-16N50H Datasheet
329Kb / 6P
16A竊?00V N-CHANNEL MOSFET
20N40H KIA-20N40H Datasheet
445Kb / 7P
20A竊?00V N-CHANNEL MOSFET
24N50H KIA-24N50H Datasheet
290Kb / 5P
24A竊?00V N-CHANNEL MOSFET
28N50H KIA-28N50H Datasheet
347Kb / 5P
28A竊?00V N-CHANNEL MOSFET
1N60H KIA-1N60H Datasheet
47Kb / 3P
1A竊?00V N-CHANNEL MOSFET
5N50H KIA-5N50H Datasheet
305Kb / 8P
5A竊?00V N-CHANNEL MOSFET
7N60U KIA-7N60U Datasheet
349Kb / 6P
7A竊?00V N-CHANNEL MOSFET
KIA6720N KIA-KIA6720N Datasheet
352Kb / 6P
18A竊?00V N-CHANNEL MOSFET
KNX6610A KIA-KNX6610A Datasheet
266Kb / 5P
15A竊?00V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com