Electronic Components Datasheet Search
  English  ▼

X  

830H Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 830H
Description  5A竊?00V N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

830H Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  830H Datasheet HTML 1Page - KIA Semiconductor Technology 830H Datasheet HTML 2Page - KIA Semiconductor Technology 830H Datasheet HTML 3Page - KIA Semiconductor Technology 830H Datasheet HTML 4Page - KIA Semiconductor Technology 830H Datasheet HTML 5Page - KIA Semiconductor Technology 830H Datasheet HTML 6Page - KIA Semiconductor Technology 830H Datasheet HTML 7Page - KIA Semiconductor Technology 830H Datasheet HTML 8Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5A,500V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
830H
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TJ=25°C,unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Drain-source breakdown voltage
BVDSS
VGS=0V,IDS=250μA
500
-
-
V
Breakdown voltage temperature coeffcient,
Figure 11
△BVDSS/△TJ
Reference to 25℃
ID=250uA
0.61
V/℃
Drain-source leakage current
IDSS
VDS=500V,VGS=0V
-
-
1
μA
VDS=400V,VGS=0V
TJ=125
°C
-
-
100
Gate threshold voltage,Figure 12
VGS(th)
VDS=VGS,ID=250μA
2
-
4
V
Gate-source forward leakage
IGSS
VGS=20V
-
-
1
uA
Gate-source reverse leakage
VGS=-20V
-
-
-1
Static drain-source on-resistance
Figure 9 and 10
RDS(on)
VGS=10V,ID=2.5A
(note*4)
-
1
1.5
Ω
Forward transconductance
gfs
VDS=15V,ID=2.5A
(note*4)
-
6
-
S
Input capacitance
Ciss
VDS=25V,VGS=0V
f=1MHz
Figure 14
-
730
-
pF
Output capacitance
Coss
-
80
-
Reverse transfer capacitance
Crss
-
8.0
-
Turn-on delay time
td(on)
VDD=250V,ID=5A,
RG=12
Ω,VGS=10V
-
13
-
ns
Rise time
tr
-
15
-
Turn-off delay time
td(off)
-
40
-
Fall time
tf
-
20
-
Total gate charge
Qg
VDD=250V,ID=5A,
Figure 15
-
20
-
nC
Gate-source charge
Qgs
-
3.0
-
Gate-drain charge
Qgd
-
8.0
-
Continuous source current(body biode)
IS
Integral pn-diode in
MOSFET
-
-
5
A
Maximum pulsed current(body biode)
ISM
-
-
20
Diode forward voltage
VSD
IS=5A,VGS=0V
-
-
1.5
V
Reverse recovery time
trr
IF=5A,VGS=0V
di/dt=100A/
μs
-
280
-
nS
Reverse recovery charge
Qrr
-
1200
-
nC
Note:1.TJ=25℃ to 150℃.
2.Repetitive rating;pulse width limited by maximum junction temperature
3.ISD=5A di/dt<100A/μs,VDD< BVDSS,TJ=150℃.
4.pulse widt<380us;duty cycle<2%.
3 of8
Rev 1.1 JAN 2014



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com