Electronic Components Datasheet Search
  English  ▼

X  

APA4863 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA4863
Description  Stereo 2.2W Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA4863 Datasheet HTML 1Page - Anpec Electronics Coropration APA4863 Datasheet HTML 2Page - Anpec Electronics Coropration APA4863 Datasheet HTML 3Page - Anpec Electronics Coropration APA4863 Datasheet HTML 4Page - Anpec Electronics Coropration APA4863 Datasheet HTML 5Page - Anpec Electronics Coropration APA4863 Datasheet HTML 6Page - Anpec Electronics Coropration APA4863 Datasheet HTML 7Page - Anpec Electronics Coropration APA4863 Datasheet HTML 8Page - Anpec Electronics Coropration APA4863 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APA4863
www.anpec.com.tw
2
Block Diagram
(Over operating free-air temperature range unless otherwise noted.)
Absolute Maximum Ratings
Ring
10
4, 13
V
DD
5
0ΚΩ
50K
Ω
5
3
- IN A
+ OUT A
R
L
100
µF
To HP-IN Circuit
8
Ω
20K
Ω
20K
Ω
20K
Ω
12
14
+ OUT B
R
L
8
Ω
20K
Ω
20K
Ω
20K
Ω
- OUT B
- OUT A
C
O
+
1K
Ω
100
µF
C
O
+
1K
Ω
C
S
0.1
µF
V
DD / 2
6
C
B
2.2
µF
8
+ IN A*
Bypass
11
9
- IN B
+ IN B*
GND
2
,7,15
20K
Ω
R
F
20K
Ω
R
F
C
1
R
1
Audio
Input
20K
Ω
1
µF
C
1
R
1
Audio
Input
20K
Ω
1
µF
16
1
100K
Ω
Shutdown
HP-IN
To Control Pin on
Headphone Jack
1
00ΚΩ
Headphone Jack
Sleeve
Control
Pin
Tip
V
DD
* +INA and +INB pins are connected to Bypass pin inside the IC.
Note: *1. Human body model : C=100pF, R=1500
Ω, 3 positive pulses plus 3 negative pulses
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
6
V
T
A
Operating Ambient Temperature Range
-40 to 85
°C
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
260
°C
V
ESD
Electrostatic Discharge
-2000 to 2000 *1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com