Electronic Components Datasheet Search
  English  ▼

X  

APA4863 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA4863
Description  Stereo 2.2W Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA4863 Datasheet HTML 2Page - Anpec Electronics Coropration APA4863 Datasheet HTML 3Page - Anpec Electronics Coropration APA4863 Datasheet HTML 4Page - Anpec Electronics Coropration APA4863 Datasheet HTML 5Page - Anpec Electronics Coropration APA4863 Datasheet HTML 6Page - Anpec Electronics Coropration APA4863 Datasheet HTML 7Page - Anpec Electronics Coropration APA4863 Datasheet HTML 8Page - Anpec Electronics Coropration APA4863 Datasheet HTML 9Page - Anpec Electronics Coropration APA4863 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APA4863
www.anpec.com.tw
6
Typical Characteristics
10m
3
100m
1
0.01
10
0.1
1
20Hz
20kHz
1kHz
V
DD=5V, RL=4Ω
BW<80kHz
Figure 1 : Output Power (W)
Figure 2 : Frequency (Hz)
THD+N vs Output Power
0.01
10
0.1
1
20
20k
100
1k
10k
V
DD=5V, PO=1.8W
R
L=4Ω, BW<80kHz
THD+N vs Frequency
0
0.4
0.8
1
1.2
1.4
0.6
0.2
0
0.5
1
1.5
2
2.5
0.01
10
0.1
1
20
20k
100
1k
10k
A
VD=10
A
VD=2
V
DD=5V, PO=1W
R
L=8Ω, BTL Mode
Figure 4 : Frequency (Hz)
Power Dissipation vs Output Power
THD+N vs Frequency
R
L=4Ω
Ω
Ω
Ω
Ω
V
DD=5V
R
L= 8Ω
Ω
Ω
Ω
Ω
Figure 3 : Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com