Electronic Components Datasheet Search
  English  ▼

X  

APA4863 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA4863
Description  Stereo 2.2W Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA4863 Datasheet HTML 1Page - Anpec Electronics Coropration APA4863 Datasheet HTML 2Page - Anpec Electronics Coropration APA4863 Datasheet HTML 3Page - Anpec Electronics Coropration APA4863 Datasheet HTML 4Page - Anpec Electronics Coropration APA4863 Datasheet HTML 5Page - Anpec Electronics Coropration APA4863 Datasheet HTML 6Page - Anpec Electronics Coropration APA4863 Datasheet HTML 7Page - Anpec Electronics Coropration APA4863 Datasheet HTML 8Page - Anpec Electronics Coropration APA4863 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APA4863
www.anpec.com.tw
4
Truth Table for Logic Inputs
Shutdown
HP-IN
APA4863 Mode
Low
Low
Bridge -Tied
Low
High
Single-Ended
High
Low
APA4863 Shutdown
High
High
APA4863 Shutdown
Electical Characteristics Cont.
APA4863
Symbol
Parameter
Test Conditions
Typ.
Unit
V
OS
Output Offset Voltage
V
IN=0V
5
mV
THD=0.5%,
f=1kHz, R
L=32Ω
90
THD=1%,
f=1kHz, R
L=8Ω
320
P
O
Output Power
THD=10%,
f=1kHz, R
L=8Ω
400
mW
THD+N Total Harmonic Distortion
plus Noise
A
V= -1 , PO=75mW, f=1kHz, RL=32Ω
0.02
%
RSRR
Power Supply Rejection
Ratio
V
RIPPLE=200mV RMS , f=1kHz, CB=2.2µF, RL=8Ω
49
dB
X
TALK
Channel Separation
f=1kHz , C
B=2.2µF, PO=32mW, RL=32Ω
85
dB
SNR
Signal-to-Noise Ratio
V
DD=5V , PO =340mW, RL=8Ω
95
dB
Electrical Characteristics for SE Mode Operation
The following specifications apply for V
DD= 5V unless otherwise noted. Limits apply for
T
A= 25°C
Electrical Characteristics for BTL Mode Operation
The following specifications apply for V
DD= 5V unless otherwise noted. Limits apply for
T
A= 25°C
APA4863
Unit
Symbol
Parameter
Test Conditions
Typ.
V
OS
Output Offset Voltage
V
IN=0V
5
mV
THD=1%, f=1kHz
R
L=3Ω
R
L=4Ω
R
L=8Ω
2.2
1.8
1.2
P
O
Output Power
THD=10%, f=1kHz
R
L=3Ω
R
L=4Ω
R
L=8Ω
2.7
2.3
1.5
W
THD+N
Total Harmonic Distortion + Noise A
VD= 2, f= 1k H z
R
L=4Ω , P O=1.8W
R
L=8Ω , P O =1W
0.3
0.15
%
RSRR
Power Supply Rejection Ratio
V
DD=5V, V RIPPLE= 200 M v Rms , R L=8Ω
C
B=2.2µ F
64
dB
X
TALK
Channel Separation
f=1kHz , C
B=2.2µ F, P O=1W, R L=8Ω
90
dB
SNR
Signal-to-Noise Ratio
V
DD=5V, P O = 1.1W, R L=8Ω
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com