Electronic Components Datasheet Search
  English  ▼

X  

SSM3J35FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3J35FS
Description  TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J35FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3J35FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J35FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J35FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J35FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J35FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3J35FS
2015-09-09
4
|Yfs| – ID
IDR – VDS
Drain current ID (mA)
Drain–source voltage VDS (V)
Drain–source voltage VDS (V)
Drain current ID (mA)
10
-0.1
100
10000
1000
-100
-1
-10
-0.1
10
100
-100
-1
-10
0.01
0
1
1000
1.4
0.4
0.1
10
100
0.2
0.6
0.8
1
1.2
C – VDS
t – ID
1
0
0
250
160
40
50
200
20
60
80
100
140
120
PD – Ta
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
0
-0.4
-0.2
-1
-0.8
-0.6
Common Source
ID = -1 mA
VDS = -3 V
-50
50
150
0
100
Common Source
VGS = 0 V
G
D
S
IDR
Ciss
Crss
Coss
-1000
Common Source
VGS = 0 V
f = 1 MHz
Ta = 25°C
Ta=100°C
25°C
-25°C
100
150
tr
ton
tf
toff
Common Source
VDD = -3 V
VGS = 0 to -2.5 V
Ta = 25°C
1
-1
10
1000
100
-1000
-10
-100
Common Source
VDS = -3 V
Ta = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com