Electronic Components Datasheet Search
  English  ▼

X  

SSM3J35FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3J35FS
Description  TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J35FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3J35FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J35FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J35FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J35FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J35FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3J35FS
2015-09-09
1
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J35FS
○
High-Speed Switching Applications
○
Analog Switch Applications
•
1.2 V drive
•
Low ON-resistance
: Ron = 44 Ω (max) (@VGS = -1.2 V)
: Ron = 22 Ω (max) (@VGS = -1.5 V)
: Ron = 11 Ω (max) (@VGS = -2.5 V)
: Ron = 8 Ω (max) (@VGS = -4.0 V)
Absolute Maximum Ratings (Ta = 25˚C)
Characteristic
Symbol
Rating
Unit
Drain–source voltage
VDSS
-20
V
Gate–source voltage
VGSS
±10
V
Drain current
DC
ID
-100
mA
Pulse
IDP
-200
Drain power dissipation
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
-55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within
the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Marking
Equivalent Circuit (top view)
Unit
: mm
JEDEC
-
JEITA
-
TOSHIBA
2-2H1S
Weight
: 2.4 mg (typ.)
1
2
3
1
2
3
PZ
Start of commercial production
2008-03


Similar Part No. - SSM3J35FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J351R TOSHIBA-SSM3J351R Datasheet
259Kb / 9P
MOSFETs Silicon P-Channel MOS (U-MOS??
SSM3J351R TOSHIBA-SSM3J351R Datasheet
242Kb / 9P
MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-18 Rev.6.0
SSM3J351RLF TOSHIBA-SSM3J351RLF Datasheet
242Kb / 9P
MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-18 Rev.6.0
SSM3J351RLXGF TOSHIBA-SSM3J351RLXGF Datasheet
242Kb / 9P
MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-18 Rev.6.0
SSM3J351RLXHF TOSHIBA-SSM3J351RLXHF Datasheet
242Kb / 9P
MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-18 Rev.6.0
More results

Similar Description - SSM3J35FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
TPCS8104 TOSHIBA-TPCS8104 Datasheet
378Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
2SJ610 TOSHIBA-2SJ610_09 Datasheet
190Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com