Electronic Components Datasheet Search
  English  ▼

X  

2910N Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 2910N
Description  130A竊?00V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

2910N Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  2910N Datasheet HTML 1Page - KIA Semiconductor Technology 2910N Datasheet HTML 2Page - KIA Semiconductor Technology 2910N Datasheet HTML 3Page - KIA Semiconductor Technology 2910N Datasheet HTML 4Page - KIA Semiconductor Technology 2910N Datasheet HTML 5Page - KIA Semiconductor Technology 2910N Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
130A,100V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
2910N
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
(TC=25 ºC , unless otherwise specified)
Parameter
Symbol
Ratings
Units
Drain-source voltage
VDSS
100
V
Gate-source voltage
VGSS
±25
V
Continuous drain currenetTC=25
ºC2
ID
130
A
Continuous drain currenetTC=100 ºC2
99
A
300us pulsed drain current testedTC=25 ºC1
IDP
560
A
Avalanche energy single pulse3
EAS
552
mJ
Power dissipation
TC=25
ºC
PD
300
W
TC=100 ºC
150
W
Maximum junction temperature
TJ
175
°C
Storage temperature range
TSTG
-55~+175
°C
Diode continuous forward currentTC=25 ºC
IS
140
A
5. Thermal characteristics
Parameter
Symbol
Rating
Unit
Thermal resistance,Junction-to-case
θJC
0.5
ºC/W
Thermal resistance,Junction-to-ambient
θJA
62.5
ºC/W
2 of6
Rev 1.0 Jun. 2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com