Electronic Components Datasheet Search
  English  ▼

X  

2910N Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 2910N
Description  130A竊?00V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

2910N Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  2910N Datasheet HTML 1Page - KIA Semiconductor Technology 2910N Datasheet HTML 2Page - KIA Semiconductor Technology 2910N Datasheet HTML 3Page - KIA Semiconductor Technology 2910N Datasheet HTML 4Page - KIA Semiconductor Technology 2910N Datasheet HTML 5Page - KIA Semiconductor Technology 2910N Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
130A,100V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
2910N
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TC=25
°C,unless otherwise notes)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Off Characteristics
Drain-source breakdown voltage
BVDSS
VGS=0V,ID=250μA
100
-
-
V
Drain-to-source leakage current
IDSS
VDS=100V ,VGS=0V
-
-
1
μA
TJ=125 ºC
-
-
30
μA
Gate-to-source leakage current
IGSS
VGS=25V,VDS=0V
-
-
100
nA
VGS=-25V,VDS=0V
-
-
-100
nA
On characteristics
Gate threshold voltage
VGS(th)
VDS=VGS,ID=250μA
2.0
-
4.0
V
Static drain-source on-resistance4
RDS(on)
VGS=10V,ID=70A
-
7.0
9.0
m
Ω
Gate charge characteristics5
Total gate charge
Qg
VDS=80V,ID=70A,VGS=10V
-
130
-
nC
Gate-source charge
Qgs
-
32
-
Gate-drain (Miller)charge
Qgd
-
55
-
Dynamic characteristics5
Gate series resistance
RG
VDS=0V,VGS=0V,f=1.0MHz
-
1
-
Ω
Turn-on delay time
Td(ON)
VDD=50V,ID=70A,VGEN=10V,
RG=5
Ω
-
24
-
nS
Rise time
trise
-
91
-
Turn-off delay time
Td(OFF)
-
75
-
Fall time
tfall
-
65
-
Input capacitance
Ciss
VDS=50V,VGS=0V,f=1.0MHz
-
6800
-
pF
Output capacitance
Coss
-
630
-
Reverse transfer capacitance
Crss
-
350
-
Source-drain body diode characteristics
TJ=25°C,unless otherwise notes
Diode forward voltage4
VSD
VGS=0V,IS=70A
-
-
1.2
V
Reverse recovery time
trr
ISD=70A,diF/dt=100A/μs,
-
43
-
ns
Reverse recovery charge
Qrr
-
67
-
nC
Note: 1. Pulse width limited by safe operating area.
2. Caiculated continuous current based on maximum allowable junction temperature. The package
limitation current is 75A
3. Limited byTJmax, IAS=47A,VDD=48V,RG=50
Ω, StartingTJ=25°C.
4. Pulse test; Pulse width<300
μs; duty cycle<2%.
5. Guaranteed by design, not subject to production testing.
6.KIA finished product specifications please customer before placing order, should obtain the latest
version of the finished product specifications.
3 of6
Rev 1.0 Jun. 2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com