Electronic Components Datasheet Search
  English  ▼

X  

2910N Datasheet(PDF) 1 Page - KIA Semiconductor Technology

Part # 2910N
Description  130A竊?00V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

2910N Datasheet(HTML) 1 Page - KIA Semiconductor Technology

  2910N Datasheet HTML 1Page - KIA Semiconductor Technology 2910N Datasheet HTML 2Page - KIA Semiconductor Technology 2910N Datasheet HTML 3Page - KIA Semiconductor Technology 2910N Datasheet HTML 4Page - KIA Semiconductor Technology 2910N Datasheet HTML 5Page - KIA Semiconductor Technology 2910N Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
130A,100V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
2910N
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
1.Applications
n
High efficiency synchronous rectification in SMPS
n
High speed power switching
2. Features
n
RDS(on)=7.0m
Ω @VGS= 10 V
n
Super high dense cell design
n
Ultra low On-Resistance
n
100% avalanche tested
n
Lead Free and Green devices available (RoHS Compliant)
3. Pin configuration
1 of6
Rev 1.0 Jun. 2016
Pin
Function
1
Gate
2
Drain
3
Source
4
Drain


Similar Part No. - 2910N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2910 ETC1-2910 Datasheet
399Kb / 6P
10 MHz BIPOLAR LOGARITHMIC AMPLIFIER
logo
KR Electronics, Inc.
2910 KR-2910 Datasheet
44Kb / 2P
875 MHz Center Frequency
logo
Adafruit Industries
2910 ADAFRUIT-2910 Datasheet
253Kb / 3P
Tiny OTG Adapter - USB Micro to USB
2/19/2016
logo
PHOENIX CONTACT
2910105 PHOENIX-2910105 Datasheet
815Kb / 28P
UNO2-PS/1AC/24DC/480W
2020-02-14
2910121 PHOENIX-2910121 Datasheet
876Kb / 49P
QUINT4-PS/24DC/24DC/20/PT
2020-10-23
More results

Similar Description - 2910N

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
12N60H KIA-12N60H Datasheet
451Kb / 7P
12A竊?00V N-CHANNEL MOSFET
16N50H KIA-16N50H Datasheet
329Kb / 6P
16A竊?00V N-CHANNEL MOSFET
20N40H KIA-20N40H Datasheet
445Kb / 7P
20A竊?00V N-CHANNEL MOSFET
24N50H KIA-24N50H Datasheet
290Kb / 5P
24A竊?00V N-CHANNEL MOSFET
28N50H KIA-28N50H Datasheet
347Kb / 5P
28A竊?00V N-CHANNEL MOSFET
7N60U KIA-7N60U Datasheet
349Kb / 6P
7A竊?00V N-CHANNEL MOSFET
2906A KIA-2906A Datasheet
488Kb / 6P
130A竊?0V N-CHANNEL MOSFET
3205S KIA-3205S Datasheet
486Kb / 6P
130A竊?0V N-CHANNEL MOSFET
KIA6720N KIA-KIA6720N Datasheet
352Kb / 6P
18A竊?00V N-CHANNEL MOSFET
KNX6610A KIA-KNX6610A Datasheet
266Kb / 5P
15A竊?00V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com