Electronic Components Datasheet Search
  English  ▼

X  

HM5821 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5821
Description  3A switch charging, 2.4A synchronous boost mobile power supply dedicated management IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5821 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5821 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HM58XX
REV: 1.5
7 / 7
HM58
XX 输出电压可以通过调整反馈电阻 Rfb 在 5.0V~5.5V 之间调节(Rfb=0 时,Vout=5.0V;Rfb
每增大 1k,Vout 增加 0.02V)。
2. 放电指示
电量
C(%)
LED1
LED2
LED3
LED4
80%~100%
ON
ON
ON
ON
55%~80%
ON
ON
ON
OFF
30%~55%
ON
ON
OFF
OFF
5%~30%
ON
OFF
OFF
OFF
5%
Flash
OFF
OFF
OFF
0%
OFF
OFF
OFF
OFF
3. 升压效率
4. 电池(主板)温度监测保护
HM58
XX 通过采样 NTC 电阻电压连续监视电池(主板)温度,一旦监测到电池(主板)温度超出规定温
度范围,芯片通过限制输入电流,使输出功率降低为最大输出功率的 1/2,直到温度恢复到正常范围以内。
按键
• 短按按键(30ms)可开启/关闭升压系统,开启升压系统同时会打开 LED 电量指示
• 开启升压系统 24 秒内无负载输出,自动关闭升压系统,LED 指示熄灭
• 长按按键(3S)开启/关闭手电筒功能



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com