Electronic Components Datasheet Search
  English  ▼

X  

AD9945 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9945
Description  CCD Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945 Datasheet(HTML) 1 Page - Analog Devices

  AD9945 Datasheet HTML 1Page - Analog Devices AD9945 Datasheet HTML 2Page - Analog Devices AD9945 Datasheet HTML 3Page - Analog Devices AD9945 Datasheet HTML 4Page - Analog Devices AD9945 Datasheet HTML 5Page - Analog Devices AD9945 Datasheet HTML 6Page - Analog Devices AD9945 Datasheet HTML 7Page - Analog Devices AD9945 Datasheet HTML 8Page - Analog Devices AD9945 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
AD9945
Complete 12-Bit 40 MHz
CCD Signal Processor
FEATURES
40 MSPS Correlated Double Sampler (CDS)
6 dB to 40 dB 10-Bit Variable Gain Amplifier (VGA)
Low Noise Optical Black Clamp Circuit
Preblanking Function
12-Bit 40 MSPS A/D Converter
No Missing Codes Guaranteed
3-Wire Serial Digital Interface
3 V Single-Supply Operation
Low Power:
mW @ 3 V Supply
Space-Saving 32-Lead 5 mm
5 mm LFCSP
APPLICATIONS
Digital Still Cameras
Digital Video Camcorders
PC Cameras
Portable CCD Imaging Devices
CCTV Cameras
FUNCTIONAL BLOCK DIAGRAM
DATACLK
SHD
SHP
BAND GAP
REFERENCE
DOUT
CCDIN
PBLK
REFT REFB
INTERNAL
TIMING
6dB TO 40dB
AVDD
DVDD
DVSS
AVSS
DRVDD
DRVSS
10
DIGITAL
INTERFACE
SDATA
SCK
SL
CLPOB
12
AD9945
CONTROL
REGISTERS
12-BIT
ADC
CLP
VGA
CDS
GENERAL DESCRIPTION
The AD9945 is a complete analog signal processor for CCD
applications. It features a 40 MHz single-channel architecture
designed to sample and condition the outputs of interlaced and
progressive scan area CCD arrays. The AD9945’s signal chain
consists of a correlated double sampler (CDS), a digitally con-
trolled variable gain amplifier (VGA), a black level clamp, and a
12-bit A/D converter.
The internal registers are programmed through a 3-wire serial digital
interface. Programmable features include gain adjustment, black
level adjustment, input clock polarity, and power-down modes.
The AD9945 operates from a single 3 V power supply, typi-
cally dissipates
mW, and is packaged in a space-saving
32-lead LFCSP.
REV.
160
160
C
781/461-3113
©2013 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD9945

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9945 AD-AD9945 Datasheet
222Kb / 16P
Complete 12-Bit 40 MHz CCD Signal Processor
11/03-Data Sheet changed from REV. 0 to REV. A
AD9945KCP AD-AD9945KCP Datasheet
222Kb / 16P
Complete 12-Bit 40 MHz CCD Signal Processor
11/03-Data Sheet changed from REV. 0 to REV. A
AD9945KCPRL AD-AD9945KCPRL Datasheet
222Kb / 16P
Complete 12-Bit 40 MHz CCD Signal Processor
11/03-Data Sheet changed from REV. 0 to REV. A
AD9945KCPRL7 AD-AD9945KCPRL7 Datasheet
222Kb / 16P
Complete 12-Bit 40 MHz CCD Signal Processor
11/03-Data Sheet changed from REV. 0 to REV. A
AD9945KCPZ AD-AD9945KCPZ Datasheet
222Kb / 16P
Complete 12-Bit 40 MHz CCD Signal Processor
11/03-Data Sheet changed from REV. 0 to REV. A
More results

Similar Description - AD9945

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8143-12 WOLFSON-WM8143-12 Datasheet
379Kb / 24P
12-bit/4MSPS CCD Signal Processor
logo
Sony Corporation
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
CMOS-CCD Signal Processor
CXL1517M SONY-CXL1517M Datasheet
97Kb / 7P
CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
CMOS-CCD Signal Processor
logo
Burr-Brown (TI)
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
CCD Digital Signal Processor
September 30, 2011
logo
Analog Devices
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
CCD Signal Processor
12/2017-Rev. D to Rev. E
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
60 MHz CCD Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com